Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28030PAGS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030PAGS
Description  Piccolo Microcontrollers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28030PAGS Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F28030PAGS Datasheet HTML 1Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 2Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 3Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 4Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 5Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 6Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 7Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 8Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584E
– APRIL 2009 – REVISED MARCH 2011
Table 2-1. Hardware Features
28030
28031
28032
28033
28034
28035
FEATURE
TYPE
(1)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
Package Type
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
Instruction cycle
16.67 ns
16.67 ns
16.67 ns
16.67 ns
16.67 ns
16.67 ns
Control Law Accelerator
0
No
No
No
Yes
No
Yes
On-chip flash (16-bit word)
16K
32K
32K
32K
64K
64K
On-chip SARAM (16-bit word)
6K
8K
10K
10K
10K
10K
Code security for on-chip
Yes
Yes
Yes
Yes
Yes
Yes
flash/SARAM/OTP blocks
Boot ROM (8K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
1K
1K
1K
1K
1K
1K
(16-bit word)
ePWM outputs
1
14
12
8
14
12
8
14
12
8
14
12
8
14
12
8
14
12
8
eCAP inputs
0
1
1
1
1
1
1
eQEP modules
0
1
1
1
1
1
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
MSPS
2.0
2.0
4.6
4.6
4.6
4.6
Conversion Time
500.00 ns
500.00 ns
216.67 ns
216.67 ns
216.67 ns
216.67 ns
12-Bit ADC
Channels
3
16
14
13
16
14
13
16
14
13
16
14
13
16
14
13
16
14
13
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
High-resolution ePWM Channels
1
7
6
4
7
6
4
7
6
4
7
6
4
Comparators with Integrated DACs
0
3
3
3
3
3
3
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
Enhanced Controller Area Network
0
1
1
1
1
1
1
(eCAN)
Local Interconnect Network (LIN)
0
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
Serial Communications Interface (SCI)
0
1
1
1
1
1
1
GPIO
45
33
26
45
33
26
45
33
26
45
33
26
45
33
26
45
33
26
I/O pins
(shared)
AIO
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
Copyright
© 2009–2011, Texas Instruments Incorporated
Introduction
5
Submit Documentation Feedback
focus.ti.com: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034 TMS320F28035


Similar Part No. - TMS320F28030PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28030PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com