Electronic Components Datasheet Search |
|
TMS320F28021PTS Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TMS320F28021PTS Datasheet(HTML) 10 Page - Texas Instruments |
10 / 130 page TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022 TMS320F28021, TMS320F28020, TMS320F280200 SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010 www.ti.com Table 2-2. TERMINAL FUNCTIONS (continued) TERMINAL I/O/Z DESCRIPTION PT DA NAME PIN # PIN # CPU AND I/O POWER VDDA 11 22 Analog Power Pin. Tie with a 2.2-µF capacitor (typical) close to the pin. VSSA Analog Ground Pin 12 23 I VREFLO ADC Low Reference (always tied to ground) VDD 32 1 CPU and Logic Digital Power Pins – no supply source needed when using internal VREG. Tie with 1.2 µF (minimum) ceramic capacitor (10% tolerance) to ground when using internal VREG. Higher value capacitors may be used, but could impact VDD 43 11 supply-rail ramp-up time. Digital I/O and Flash Power Pin – Single Supply source when VREG is enabled. Tie VDDIO 35 4 with a 2.2-µF capacitor (typical) close to the pin. VSS 33 2 Digital Ground Pins VSS 44 12 VOLTAGE REGULATOR CONTROL SIGNAL Internal VREG Enable/Disable. Pull low to enable the internal voltage regulator VREGENZ 34 3 I (VREG), pull high to disable VREG. GPIO AND PERIPHERAL SIGNALS (1) GPIO0 29 37 I/O/Z General purpose input/output 0 EPWM1A O Enhanced PWM1 Output A and HRPWM channel – – – – – – GPIO1 28 36 I/O/Z General purpose input/output 1 EPWM1B O Enhanced PWM1 Output B – – COMP1OUT O Direct output of Comparator 1 GPIO2 37 5 I/O/Z General purpose input/output 2 EPWM2A O Enhanced PWM2 Output A and HRPWM channel – – – – GPIO3 38 6 I/O/Z General purpose input/output 3 EPWM2B O Enhanced PWM2 Output B – – COMP2OUT O Direct output of Comparator 2 (available in 48-pin device only) GPIO4 39 7 I/O/Z General purpose input/output 4 EPWM3A O Enhanced PWM3 output A and HRPWM channel – – – – GPIO5 40 8 I/O/Z General purpose input/output 5 EPWM3B O Enhanced PWM3 output B – – ECAP1 I/O Enhanced Capture input/output 1 GPIO6 41 9 I/O/Z General purpose input/output 6 EPWM4A O Enhanced PWM4 output A and HRPWM channel EPWMSYNCI I External ePWM sync pulse input EPWMSYNCO O External ePWM sync pulse output (1) The GPIO function (shown in bold italics) is the default at reset. The peripheral signals that are listed under them are alternate functions. For JTAG pins that have the GPIO functionality multiplexed, the input path to the GPIO block is always valid. The output path from the GPIO block and the path to the JTAG block from a pin is enabled/disabled based on the condition of the TRST signal. See the TMS320x2802x/TMS320F2802xx Piccolo System Control and Interrupts Reference Guide (literature number SPRUFN3) for details. 10 Introduction Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200 |
Similar Part No. - TMS320F28021PTS |
|
Similar Description - TMS320F28021PTS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |