Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28031PAGT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28031PAGT
Description  Piccolo Microcontrollers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28031PAGT Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28031PAGT Datasheet HTML 1Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 2Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 3Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 4Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 5Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 6Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 7Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 8Page - Texas Instruments TMS320F28031PAGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584E
– APRIL 2009 – REVISED MARCH 2011
Piccolo Microcontrollers
Check for Samples: TMS320F28030, TMS320F28031, TMS320F28032, TMS320F28033, TMS320F28034, TMS320F28035
1
TMS320F2803x ( Piccolo
™) MCUs
1.1
Features
123
– No Power Sequencing Requirement
• Highlights
– Integrated Power-on Reset and Brown-out
– High-Efficiency 32-Bit CPU ( TMS320C28x™)
Reset
– 60-MHz Device
– Low Power
– Single 3.3-V Supply
– No Analog Support Pins
– Integrated Power-on and Brown-out Resets
• Clocking:
– Two Internal Zero-pin Oscillators
– Two Internal Zero-pin Oscillators
– Up to 45 Multiplexed GPIO Pins
– On-Chip Crystal Oscillator/External Clock
– Three 32-Bit CPU Timers
Input
– On-Chip Flash, SARAM, OTP Memory
– Dynamic PLL Ratio Changes Supported
– Code-Security Module
– Watchdog Timer Module
– Serial Port Peripherals
– Missing Clock Detection Circuitry
(SCI/SPI/I2C/LIN/eCAN)
• Up to 45 Individually Programmable,
– Enhanced Control Peripherals
Multiplexed GPIO Pins With Input Filtering
Enhanced Pulse Width Modulator (ePWM)
• Peripheral Interrupt Expansion (PIE) Block That
High-Resolution PWM (HRPWM)
Supports All Peripheral Interrupts
Enhanced Capture (eCAP)
• Three 32-Bit CPU Timers
Enhanced Quadrature Encoder Pulse
• Independent 16-Bit Timer in Each ePWM
(eQEP)
Module
Analog-to-Digital Converter (ADC)
• On-Chip Memory
On-Chip Temperature Sensor
– Flash, SARAM, OTP, Boot ROM Available
Comparator
• 128-Bit Security Key/Lock
– 56-Pin, 64-Pin, and 80-Pin Packages
– Protects Secure Memory Blocks
• High-Efficiency 32-Bit CPU ( TMS320C28x™)
– Prevents Firmware Reverse Engineering
– 60 MHz (16.67-ns Cycle Time)
• Serial Port Peripherals
– 16 x 16 and 32 x 32 MAC Operations
– One SCI (UART) Module
– 16 x 16 Dual MAC
– Two SPI Modules
– Harvard Bus Architecture
– One Inter-Integrated-Circuit (I2C) Bus
– Atomic Operations
– One Local Interconnect Network (LIN) Bus
– Fast Interrupt Response and Processing
– One Enhanced Controller Area Network
– Unified Memory Programming Model
(eCAN) Bus
– Code-Efficient (in C/C++ and Assembly)
• Advanced Emulation Features
• Programmable Control Law Accelerator (CLA)
– Analysis and Breakpoint Functions
– 32-Bit Floating-Point Math Accelerator
– Real-Time Debug via Hardware
– Executes Code Independently of the Main
• 2803x Packages
CPU
– 56-Pin RSH Plastic Quad Flatpack (PQFP)
• Low Device and System Cost:
– 64-Pin PAG Thin Quad Flatpack (TQFP)
– Single 3.3-V Supply
– 80-Pin PN Low-Profile Quad Flatpack (LQFP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Piccolo, TMS320C28x, C28x, TMS320C2000, Code Composer Studio, XDS510, XDS560 are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products
conform
to
specifications
per
the
terms
of
Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F28031PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28031PAGT TI1-TMS320F28031PAGT Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28031PAGT TI1-TMS320F28031PAGT Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28031PAGT TI1-TMS320F28031PAGT Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28031PAGT TI1-TMS320F28031PAGT Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28031PAGT TI1-TMS320F28031PAGT Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28031PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com