Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54320 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54320
Description  4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54320 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54320_11 Datasheet HTML 5Page - Texas Instruments TPS54320_11 Datasheet HTML 6Page - Texas Instruments TPS54320_11 Datasheet HTML 7Page - Texas Instruments TPS54320_11 Datasheet HTML 8Page - Texas Instruments TPS54320_11 Datasheet HTML 9Page - Texas Instruments TPS54320_11 Datasheet HTML 10Page - Texas Instruments TPS54320_11 Datasheet HTML 11Page - Texas Instruments TPS54320_11 Datasheet HTML 12Page - Texas Instruments TPS54320_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
4
5
6
7
8
3
8
13
18
V -InputVoltage-V
I
T =-40°C
J
T =25°C
J
T =150°C
J
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
I =2 A
I
O
3
4
5
6
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
RT =100k ,
V =12V,
I =2 A
W
I
O
2
2.05
2.1
2.15
2.2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54320
www.ti.com
SLVS982A – AUGUST 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
HIGH-SIDE CURRENT LIMIT THRESHOLD vs
MINIMUM CONTROLLABLE ON TIME vs
INPUT VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
MINIMUM CONTROLLABLE DUTY RATIO vs
JUNCTION TEMPERATURE
BOOT-PH UVLO THRESHOLD vs TEMPERATURE
Figure 15.
Figure 16.
OVERVIEW
The device is a 17-V, 3-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant frequency, peak current
mode control which also simplifies external frequency compensation. The wide switching frequency of 200 kHz to
1200 kHz allows for efficiency and size optimization when selecting the output filter components. The switching
frequency is adjusted using a resistor to ground on the RT/CLK pin. The device also has an internal phase lock
loop (PLL) controlled by the RT/CLK pin that can be used to synchronize the switching cycle to the falling edge
of an external system clock.
The device has been designed for safe monotonic startup into pre-biased loads. The default start up is when VIN
is typically 4.0V. The EN pin has an internal pull-up current source that can be used to adjust the input voltage
under voltage lockout (UVLO) with two external resistors. In addition, the EN pin can be left floating for the
device to automatically start with the internal pull-up current. The total operating current for the device is
approximately 600mA when not switching and under no load. When the device is disabled, the supply current is
typically less than 2mA.
The integrated MOSFETs allow for high efficiency power supply designs with continuous output currents up to 3
amperes. The MOSFETs have been sized to optimize efficiency for lower duty cycle applications.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54320


Similar Part No. - TPS54320_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results

Similar Description - TPS54320_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com