Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61175
Description  3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61175_11 Datasheet HTML 2Page - Texas Instruments TPS61175_11 Datasheet HTML 3Page - Texas Instruments TPS61175_11 Datasheet HTML 4Page - Texas Instruments TPS61175_11 Datasheet HTML 5Page - Texas Instruments TPS61175_11 Datasheet HTML 6Page - Texas Instruments TPS61175_11 Datasheet HTML 7Page - Texas Instruments TPS61175_11 Datasheet HTML 8Page - Texas Instruments TPS61175_11 Datasheet HTML 9Page - Texas Instruments TPS61175_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
I -OutputCurrent- A
O
V =5V
I
V =12V
I
V
=24V
O
0
0.2
0.4
0.6
0.8
1
1.2
I -OutputCurrent- A
O
50
60
70
80
90
100
V =5V
I
V
=12V
O
V
=24V
O
V
=35V
O
320
340
360
380
400
-40
-20
0
20
40
60
80
100
120
T -Free-AirTemperature-°C
A
3
3.5
4
4.5
5
0.2
0.4
0.6
0.8
1
DutyCycle-%
TPS61175
SLVS892A – DECEMBER 2008 – REVISED OCTOBER 2010
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
ERROR AMPLIFIER TRANSCONDUCTANCE
OVERCURRENT LIMIT
vs
vs
FREE-AIR TEMPERATURE
DUTY CYCLE
Figure 4.
Figure 5.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61175


Similar Part No. - TPS61175_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI1-TPS61175-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWPR TI-TPS61175PWPR Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com