Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61175PWPR
Description  3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61175PWPR Datasheet HTML 1Page - Texas Instruments TPS61175PWPR Datasheet HTML 2Page - Texas Instruments TPS61175PWPR Datasheet HTML 3Page - Texas Instruments TPS61175PWPR Datasheet HTML 4Page - Texas Instruments TPS61175PWPR Datasheet HTML 5Page - Texas Instruments TPS61175PWPR Datasheet HTML 6Page - Texas Instruments TPS61175PWPR Datasheet HTML 7Page - Texas Instruments TPS61175PWPR Datasheet HTML 8Page - Texas Instruments TPS61175PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS61175
SLVS892A – DECEMBER 2008 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PART NUMBER
PACKAGE(2)
–40°C to 85°C
TPS61175PWP
HTSSOP-14
(1)
For the most current package and ordering information, see the TI Web site at www.ti.com.
(2)
The PWP package is available in tape and reel. Add R suffix (TPS61175PWPR) to order quantities of 2000 parts per reel. Without suffix,
the TPS61175PWP is shipped in tubes with 90 parts per tube.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply Voltages on pin VIN (2)
–0.3 to 20
V
Voltages on pins EN(2)
–0.3 to 20
V
Voltage on pin FB, FREQ and COMP(2)
–0.3 to 3
V
Voltage on pin SYNC, SS(2)
–0.3 to 7
V
Voltage on pin SW(2)
–0.3 to 40
V
Continuous Power Dissipation
See Dissipation Rating Table
Operating Junction Temperature Range
–40 to +150
°C
Storage Temperature Range
–65 to +150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
THERMAL RESISTANCE
TA ≤ 25°C
TA = 85°C
PACKAGE
POWER RATING
POWER RATING
RqJA
14 pin PWP(1)
44.5°C/W
2.25 W
0.9 W
(1)
Rating based on JEDEC high thermal conductivity (High K) board with 2x2 array of thermal vias. See Texas Instruments application
report (SLMA002) regarding thermal characteristics of the PowerPAD package
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.9
18
V
VO
Output voltage range
VIN
38
V
L
Inductor(1)
4.7
47
mH
fSW
Switching frequency
200
2200
kHz
CI
Input Capacitor
4.7
mF
CO
Output Capacitor
4.7
mF
VSYN
External Switching Frequency Logic
5
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
The inductance value depends on the switching frequency and end application. While larger values may be used, values between
4.7-mH and 47-mH have been successfully tested in various applications. Refer to the Inductor Selection for detail.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61175


Similar Part No. - TPS61175PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175PWPR TI-TPS61175PWPR Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com