Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA31001 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA31001
Description  TELEPHONE TONE RINGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31001 Datasheet(HTML) 2 Page - Unisonic Technologies

  TA31001 Datasheet HTML 1Page - Unisonic Technologies TA31001 Datasheet HTML 2Page - Unisonic Technologies TA31001 Datasheet HTML 3Page - Unisonic Technologies TA31001 Datasheet HTML 4Page - Unisonic Technologies TA31001 Datasheet HTML 5Page - Unisonic Technologies TA31001 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TA31001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R108-003.C
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
Vcc
RSL
Low Freq.
Time Constant
Low Freq.
Time Costant
Output
High Freq.
Time Constant
High Freq.
Time Constant
GND


Similar Part No. - TA31001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA31001G-D08-T UTC-TA31001G-D08-T Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31001L-D08-T UTC-TA31001L-D08-T Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_15 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
More results

Similar Description - TA31001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_07 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com