Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB580PH Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB580PH
Description  80V, 5A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB580PH Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB580PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB580PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB580PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB580PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB580PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0Q019-001
1
SDB580PH
Schottky Barrier Rectifier
TO-220F-2L
80V, 5A POWER SCHOTTKY RECTIFIER
Features
Low forward voltage drop and leakage current
Low power loss and High efficiency
High surge capability
Full lead (Pb)-free and RoHS compliant device
Applications
Power supply - Output rectification
Converter
Free-wheeling diode
Reverse battery protection
Power inverters
Description
The SDB580PH is suited for Switch Mode Power Supply and high frequency DC to DC converters.
This device is especially intended for use in low voltage, high frequency inverters, free wheeling and
polarity protection applications.
Ordering Information
Device
Marking Code
Package
Packaging
SDB580PH
SDB580
TO-22LF-2L
Tube
Marking Information
Product Characteristics
IF(AV)
5A
VRRM
80V
VFM at 125℃
0.65V
IFSM
120A
AUK = Manufacture Logo
Δ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. D = Daily Code
SDB580 = Specific Device Code
Pin Configuration
Pin 1: Cathode
Pin 2: Anode


Similar Part No. - SDB580PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB580PH KODENSHI-SDB580PH Datasheet
315Kb / 5P
   80V, 5A POWER SCHOTTKY RECTIFIER
SDB580PH-1 KODENSHI-SDB580PH-1 Datasheet
315Kb / 5P
   80V, 5A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB580PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB580PH-1 KODENSHI-SDB580PH-1 Datasheet
315Kb / 5P
   80V, 5A POWER SCHOTTKY RECTIFIER
SDB1080PH KODENSHI-SDB1080PH Datasheet
284Kb / 5P
   80V, 10A POWER SCHOTTKY RECTIFIER
SDB1080PH-1 KODENSHI-SDB1080PH-1 Datasheet
284Kb / 5P
   80V, 10A POWER SCHOTTKY RECTIFIER
SDB560PH KODENSHI-SDB560PH Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
SDB540PH-1 KODENSHI-SDB540PH-1 Datasheet
301Kb / 5P
   40V, 5A POWER SCHOTTKY RECTIFIER
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
   40V, 5A POWER SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MUR5150E DIGITRON-MUR5150E Datasheet
167Kb / 2P
   5A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
2SB1451 SANYO-2SB1451 Datasheet
133Kb / 4P
   80V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
   80V/5A Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com