Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848712454Y4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1848712454Y4
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848712454Y4 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1848712454Y4 Datasheet HTML 1Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 2Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 3Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 4Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 5Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 6Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 7Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 8Page - Vishay Siliconix MKP1848712454Y4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 27-May-11
283
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 450 VDC
UNDC at 85 °C = 450 V, UOPDC at 70 °C = 500 V, UOPDC at 105 °C = 300 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(6)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs) (A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
9.0
19.0 32.0 27.5
-
0.8
75
75
2.5
-
54
-
10
-
85
-
6.0
160
MKP1848510454K2
2
9.0
19.0 32.0 27.5
-
0.8
75
150
3
-
34.5
-
10
-
85
-
5.5
160
MKP1848520454K2
3
11.0
21.0 32.0 27.5
-
0.8
75
225
4
-
23.0
-
10
-
85
-
8.5
130
MKP1848530454K2
4
11.0
21.0 32.0 27.5
-
0.8
75
300
4
-
20.5
-
10
-
85
-
8.5
130
MKP1848540454K2
5
13.0
23.0 32.0 27.5
-
0.8
75
375
5
-
16.5
-
10
-
85
-
10.5
115
MKP1848550454K2
6
15.0
25.0 32.0 27.5
-
0.8
75
450
6
-
13.5
-
10
-
85
-
12.5
100
MKP1848560454K2
7
15.0
25.0 32.0 27.5
-
0.8
75
525
6.5
-
11.5
-
10
-
85
-
11.5
100
MKP1848570454K2
8
18.0
28.0 32.0 27.5
-
0.8
75
600
8.5
-
8.5
-
10
-
85
-
15.0
80
MKP1848580454K2
9
18.0
28.0 32.0 27.5
-
0.8
75
675
8.5
-
9.0
-
10
-
85
-
16.0
80
MKP1848590454K2
10
18.0
28.0 32.0 27.5
-
0.8
75
750
9
-
8.0
-
10
-
85
-
15.0
80
MKP1848610454K2
12
21.0
31.0 32.0 27.5
-
0.8
75
900
10
-
7.0
-
10
-
85
-
21.5
65
MKP1848612454K2
15
20.0
35.0 32.0 27.5
-
0.8
75
1125 11.5
-
6.0
-
10
-
85
-
20.0
70
MKP1848615454K2
10
18.5
35.5 43.0 37.5
10.2
1.0
40
400
7.5
8
13.5
12.0
18
16
160
140
34
105
MKP1848610454P*
12
18.5
35.5 43.0 37.5
10.2
1.0
40
480
8
8.5
11.5
10.0
18
16
160
140
32
105
MKP1848612454P*
15
18.5
35.5 43.0 37.5
10.2
1.0
40
600
9
10
9.0
8.0
18
16
160
140
30
105
MKP1848615454P*
20
21.5
38.5 43.0 37.5
10.2
1.0
40
800
11
12
7.0
6.0
18
16
160
140
36
91
MKP1848620454P*
22
21.5
38.5 43.0 37.5
10.2
1.0
40
880
11
11.5
7.5
6.5
18
16
160
140
38
91
MKP1848622454P*
25
21.5
38.5 43.0 37.5
10.2
1.0
40
1000 11.5 12.5
6.5
5.5
18
16
160
140
36
91
MKP1848625454P*
30
24.0
44.0 42.0 37.5
10.2
1.0
40
1200 13.5
15
5.5
4.5
18
16
160
140
48
77
MKP1848630454P*
35
30.0
45.0 42.0 37.5
10.2/
20.3
1.0
40
1400
17
18.5
4.0
3.5
18
16
160
140
57
63
MKP1848635454P*
40
30.0
45.0 42.0 37.5
10.2/
20.3
1.0
40
1600
17
18.5
4.0
3.5
18
16
160
140
60
63
MKP1848640454P*
40
25.0
45.0 57.5 52.5
10.2
1.2
20
800
13
13.5
6.5
6.0
35
30
310
280
66
55
MKP1848640454Y*
45
25.0
45.0 57.5 52.5
10.2
1.2
20
900
12.5 13.5
7.0
6.0
35
30
310
280
70
55
MKP1848645454Y*
50
30.0
45.0 57.5 52.5
20.3
1.2
20
1000
15
15.5
5.5
5.0
35
30
310
280
88
45
MKP1848650454Y*
55
30.0
45.0 57.5 52.5
20.3
1.2
20
1100
15
15.5
5.5
5.0
35
30
310
280
96
45
MKP1848655454Y*
60
30.0
45.0 57.5 52.5
20.3
1.2
20
1200 15.5 16.5
5.0
4.5
35
30
310
280
91
45
MKP1848660454Y*
65
35.0
50.0 57.5 52.5
20.3
1.2
20
1300
19
20.5
4.0
3.5
35
30
310
280
100
40
MKP1848665454Y*
70
35.0
50.0 57.5 52.5
20.3
1.2
20
1400
18
19
4.5
4.0
35
30
310
280
112
40
MKP1848670454Y*
75
35.0
50.0 57.5 52.5
20.3
1.2
20
1500
19
20.5
4.0
3.5
35
30
310
280
108
40
MKP1848675454Y*
80
35.0
50.0 57.5 52.5
20.3
1.2
20
1600
19
20.5
4.0
3.5
35
30
310
280
102
40
MKP1848680454Y*
90
45.0
45.0 57.5 52.5
20.3
1.2
20
1800
-
21.5
-
3.0
-
30
-
280
127
30
MKP1848690454Y5
95
45.0
45.0 57.5 52.5
20.3
1.2
20
1900
-
21.5
-
3.0
-
30
-
280
124
30
MKP1848695454Y5
100
45.0
45.0 57.5 52.5
20.3
1.2
20
2000
-
23.5
-
2.5
-
30
-
280
120
30
MKP1848710454Y5
200 (10) 70.0
65.0 57.5 52.5
20.3
1.2
20
2000
-
30.5
-
2.0
-
35
-
310
266
20
MKP1848720454Y5 (7)
400 (10)
130
65.0 57.5 52.5
20.3
1.2
10
4000
-
50.5
-
1.5
-
35
-
380
490
10
MKP1848740454Y5 (8)


Similar Part No. - MKP1848712454Y4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848712084Y5 VISHAY-MKP1848712084Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848712914Y5 VISHAY-MKP1848712914Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848712924Y5 VISHAY-MKP1848712924Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848712454Y4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com