Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-25A-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SD-25A-12
Description  25W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-25A-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-25A-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-25A-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(SD-25C-24V)
FileName:SD-25-SPEC2010-07-27
CaseNo.905Unit:mm
AMBIENTTEMPERATURE(
)
100
10
0
0
20
40
60
80
-10
-10
20
30
40
50
45
60
55
SD-25A
SD-25B-5
SD-25C-5
SD-25B,C/12,24
INPUTVOLTAGE(V)
25
30
35
40
45
50
55
60
65
70
72
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
(VERTICAL)
(
)
HORIZONTAL
5
4
3
2
1
5.5
74
18
6.5
87
99
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
TerminalPinNo. Assignment
1
4
2
3
5
DCINPUT V-
DCINPUT V+
DCOUTPUT -V
DCOUTPUT +V
FG
PinNo.
PinNo.
Assignment
Assignment
BlockDiagram
fosc:83KHz
CIRCUIT
DETECTION
O.L.P.
O.V.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
PWM
50WSingleOutputDC-DCConverter
S D - 2 5 series


Similar Part No. - SD-25A-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-25A-12 ASTRODYNE-SD-25A-12 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25A-12 MEANWELL-SD-25A-12 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25A-12 MEANWELL-SD-25A-12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
More results

Similar Description - SD-25A-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com