Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV-300 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-300
Description  300W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-300 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPV-300 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-300 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-300 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC Fan
Output voltage programmable from 20~110% by 1~5.5VDC external
control signal
Built-in fan speed control
Fixed switching frequency at 100KHz
3 years warranty
Built-in remote ON-OFF control
SPECIFICATION
SPV-300-24
SPV-300-12
SPV-300-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
REMOTECONTROL
OUTPUTVOLTAGETRIM
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
24V
12V
48V
12.5A
25A
6.25A
0~12.5A
0~25A
0~6.25A
300W
300W
300W
150mVp-p
150mVp-p
240mVp-p
20~26.4V
10.8~13.2V
41~52.8V
1.0%
1.0%
1.0%
0.2%
0.3%
0.2%
0.5%
0.5%
0.5%
800ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
88~264VAC124~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
85%
83.5%
86.5%
57.6~67.2V
9.6~52.8V
20A/115VAC40A/230VAC
<1mA /240VAC
4~10VDCpoweroff,<0~0.8VDCpoweron
2.4~13.2V
105~135%ratedoutputpower
27.6~32.4V
4.8~26.4V
13.8~16.2V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
5
(TSW1:detectonheatsinkofpowertransistor)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1 approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-20~+65
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
207Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.1Kg;12pcs/14Kg/0.92CUFT
FileName:SPV-300-SPEC2010-10-18
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
S P V- 3 0 0 series
300WSingleOutputwithPFCFunction
FUNCTION
EMC
(Note4)
HARMONICCURRENT
EMICONDUCTION&RADIATION
EMSIMMUNITY
ISOLATIONRESISTANCE
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ACCURRENT (Typ.)
5A/115VAC2.5A/230VAC


Similar Part No. - SPV-300

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SPV-300 TOTAL-POWER-SPV-300 Datasheet
135Kb / 3P
   300W Single Output with PFC Function
logo
Mean Well Enterprises C...
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
logo
Total Power Internation...
SPV-300-12 TOTAL-POWER-SPV-300-12 Datasheet
135Kb / 3P
   300W Single Output with PFC Function
logo
Mean Well Enterprises C...
SPV-300-24 MEANWELL-SPV-300-24 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
More results

Similar Description - SPV-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com