Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1580 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1580
Description  380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1580 Datasheet(HTML) 3 Page - Unisonic Technologies

  P1580 Datasheet HTML 1Page - Unisonic Technologies P1580 Datasheet HTML 2Page - Unisonic Technologies P1580 Datasheet HTML 3Page - Unisonic Technologies P1580 Datasheet HTML 4Page - Unisonic Technologies P1580 Datasheet HTML 5Page - Unisonic Technologies P1580 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P1580
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-049.A
BLOCK DIAGRAM
-
-
+
-
+
S
R
Q
+
Reference
45K-380KHz
Slope COMP
IN
BS
COMP
FB
EN
SYNC
PWM
EA
Driver
Power
Transistor
Rsense
1.22V
UVLO
OTP
UVLO
SW
GND
4
3
2
7
5
6
8
1


Similar Part No. - P1580

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P158000 TRIPPLITE-P158000 Datasheet
486Kb / 2P
   Compact-Slimline VGA Video Gender Changer (HD15 M-M)
More results

Similar Description - P1580

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
P2583 UTC-P2583_12 Datasheet
182Kb / 6P
   380KHz, 3A STEP-DOWN SWITCHING REGULATOR
P2583 UTC-P2583 Datasheet
190Kb / 6P
   380KHz, 3A STEP-DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
[Old version datasheet]   LM25005 42V, 2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com