Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3666 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3666
Description  DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3666 Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3666 Datasheet HTML 1Page - Unisonic Technologies UC3666 Datasheet HTML 2Page - Unisonic Technologies UC3666 Datasheet HTML 3Page - Unisonic Technologies UC3666 Datasheet HTML 4Page - Unisonic Technologies UC3666 Datasheet HTML 5Page - Unisonic Technologies UC3666 Datasheet HTML 6Page - Unisonic Technologies UC3666 Datasheet HTML 7Page - Unisonic Technologies UC3666 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC3666
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-489.a
BLOCK DIAGRAM
+
+
-
-
+
-
+
-
+
RS &
Drive
LG
M2
M1
UG
DCC
Current
Sense
Amplifier
PWM
Comparator
Clock
Zero-Current
Comparator
Oscillator
Error
Amplifier
0.6V
Reference
Slop Comp
FB1
FB2
EN1
EN2
VIN1
VIN2
SW1
SW2
GND1
GND2
PWM
Logic
Soft Start
UVLO
EN
Logic


Similar Part No. - UC3666

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3666 UTC-UC3666 Datasheet
281Kb / 6P
   DUAL CHANNEL 1A HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
UC3666G-K10-3030-R UTC-UC3666G-K10-3030-R Datasheet
281Kb / 6P
   DUAL CHANNEL 1A HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
UC3666L-K10-3030-R UTC-UC3666L-K10-3030-R Datasheet
281Kb / 6P
   DUAL CHANNEL 1A HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
UC3666 UTC-UC3666_17 Datasheet
281Kb / 6P
   DUAL CHANNEL 1A HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
More results

Similar Description - UC3666

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Unisonic Technologies
UC3666 UTC-UC3666_17 Datasheet
281Kb / 6P
   DUAL CHANNEL 1A HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
logo
Kingbor Technology Co
KB3511 KINGBOR-KB3511 Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com