Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1117-AD Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SJ1117-AD
Description  Adjustable and Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-AD Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SJ1117-AD Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
KSD-I0T005-008
5
SJ1117xxx
Electrical Characteristics
(Electrical Characteristics at TA=25℃ and VI=(VO+1.5V), Io=10mA, CO=10μF, unless otherwise specified.)
Characteristic
Symbol
Device
Test Condition
Min
(-2%)
Typ
Max
(+2%)
Unit
SJ1117A
1.225
1.25
1.275
SJ1117-12
1.176
1.20
1.224
SJ1117-15
1.470
1.50
1.530
SJ1117-18
1.764
1.80
1.836
SJ1117-25
2.450
2.50
2.550
SJ1117-285
2.793
2.85
2.907
SJ1117-33
3.234
3.30
3.366
Output voltage
VOUT
SJ1117-50
VI = (VO+1.5V) to 7V
IO = 10mA to 1000mA
4.900
5.00
5.100
V
Line regulation
(Note4)
│ V
O(△VI)
All
1.5V≤ VI-VO≤7V
IO=10mA
-
0.05
0.4
%
Load regulation
(Note4)
│ V
O(△IL)
All
1.5V≤ VI-VO≤7V
IO=10mA ~ 1000mA
-
0.1
0.5
%
Quiescent current
IQ
All
IO=0
-
5
10
mA
Minimum load
current
I L(MIN)
SJ1117A
Vin=2.75V
-
1
5
mA
Adjust pin
current
IADJ
SJ1117A
VI = 2.75V
IO = 100mA
-
36
90
μA
Adjust pin
current change
│∆IADJ
SJ1117A
2.75V ≤ VI ≤ 8.25V
IO=10mA ~ 1000mA
-
1
5
μA
Dropout voltage
VDROP
All
IO =1000mA
-
1.1
1.25
V
Ripple rejection ratio
RR
All
VI = VO+3V, IO=500mA
VRipple=1VP-P , f=120 ㎐
60
72
-
dB
Current limit
ILIMIT
All
VI = VO+2V
1.1
1.8
-
A
Thermal Shutdown
TTSD
All
VI = VO+1.5V
IO = 0 to 10mA
-
160
-
Thermal shutdown
hysteresis
THYS
All
VI = VO+1.5V
IO = 0 to 10mA
-
10
-
Note 4: Low duty pulse testing with Kelvin connections required.


Similar Part No. - SJ1117-AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-AD KODENSHI-SJ1117-AD Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-AD

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com