Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1117-50D Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SJ1117-50D
Description  Adjustable and Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-50D Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button SJ1117-50D Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-50D Datasheet HTML 12Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
KSD-I0T005-008
8
SJ1117xxx
Application Note
Input Bypass Capacitor (CIN)
An Input capacitor is recommended. A 10μF tantalum capacitor on the input is a suitable bypassing for all
applications.
Adjust Terminal Bypass Capacitor(CADJ)
The adjust terminal can be bypassed to ground with a bypass capacitor to improve ripple rejection
This bypass capacitor prevents ripple from being amplified as the output voltage is increased. At
any ripple frequency, the impedance of the CADJ should less than R1 to prevent the ripple from being
amplified
The R1 is the resistor between the output and the adjust pin.
Output Capacitor(COUT)
The output capacitor(COUT) is critical in maintaining regulator stability, and must meet required
conditions for both minimum amount of capacitance and ESR. The minimum COUT required is
10μF(tantalum capacitor). Any increase of the COUT will merely improve the stability and transient
response. The ESR of the COUT should range between 0.3Ω - 22Ω. In the case of the adjustable regulator,
when the CADJ is used, a larger COUT (22μF) is required.
Output Voltage
The SJ1117 develops a 1.25V reference voltage between the output and the adjust terminal (See Fig.9).
By placing a resistor between these two terminals, a constant current is caused to flow through R1 and
down through R2 to set the overall output voltage. Normally this current is chosen to be the specified
minimum load current. Because IADJ is very small and constant when compared to the current through R1,
it represents a small error and can usually be ignored. For fixed voltage devices R1 and R2 are included in
the device.
SJ1117
IN
OUT
ADJ
VIN
VOUT
+
+
CIN
CO
R1
R2
VREF
IADJ
1
)
2
(
1
R
C
f
ADJ
RIPPLE
×
×
π
Fig.13 Basic Adjustable Regulator
(
)
2
1
2
1
R
I
R
R
V
V
ADJ
REF
OUT
×
+
+
=


Similar Part No. - SJ1117-50D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-50D KODENSHI-SJ1117-50D Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-50D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com