Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC36V3742A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V3742A
Description  C band internally matched power GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V3742A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC36V3742A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V3742A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC36V3742A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Publication Date : Apr., 2011
1
< C band internally matched power GaAs FET >
MGFC36V3742A
3.7 – 4.2 GHz BAND / 4W
DESCRIPTION
The MGFC36V3742A is an internally impedance-matched
GaAs power FET especially designed for use in 3.7 – 4.2
GHz band amplifiers. The hermetically sealed metal-ceramic
package guarantees high reliability.
FEATURES
Class A operation
Internally matched to 50(ohm) system
 High output power
P1dB=4W (TYP.) @f=3.7 – 4.2GHz
 High power gain
GLP=12.5dB (TYP.) @f=3.7 – 4.2GHz
 High power added efficiency
P.A.E.=33% (TYP.) @f=3.7 – 4.2GHz
 Low distortion [ item -51]
IM3=-45dBc (TYP.) @Po=25dBm S.C.L.
APPLICATION
 item 01 : 3.7 – 4.2 GHz band power amplifier
 item 51 : 3.7 – 4.2 GHz band digital radio communication
QUALITY
 IG
RECOMMENDED BIAS CONDITIONS
 VDS=10V  ID=1.2A  RG=100ohm
Refer to Bias Procedure
Absolute maximum ratings (Ta=25C)
Symbol
Parameter
Ratings
Unit
VGDO
Gate to drain breakdown voltage
-15
V
VGSO
Gate to source breakdown voltage
-15
V
ID
Drain current
3.75
A
IGR
Reverse gate current
-10
mA
IGF
Forward gate current
21
mA
PT *1
Total power dissipation
25
W
Tch
Cannel temperature
175
C
Tstg
Storage temperature
-65 to +175
C
*1 : Tc=25
C
Electrical characteristics (Ta=25C)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
IDSS
Saturated drain current
VDS=3V,VGS=0V
-
-
3.75
A
gm
Transconductance
VDS=3V,ID=1.1A
-
1
-
S
VGS(off)
Gate to source cut-off voltage
VDS=3V,ID=10mA
-
-
-4.5
V
P1dB
Output power at 1dB gain compression
35
37
-
dBm
GLP
Linear Power Gain
10
12.5
-
dB
ID
Drain current
-
-
1.8
A
P.A.E.
Power added efficiency
-
33
-
%
IM3 *2
3
rd order IM distortion
-42
-45
-
dBc
Rth(ch-c) *3
Thermal resistance
VDS=10V,ID(RF off)=1.2A
f=3.7 – 4.2GHz
-
5
6
C/W
*2 :Item -51,2 tone test, Po=25dBm Single Carrier Level, f=4.2GHz, Delta f=10MHz
*3 :Channel-case
Keep Safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum
effort into making semiconductor products better
and more reliable , but there is always the
possibility that trouble may occur with them.
Trouble with semiconductors may lead to personal
injury , fire or property damage. Remember to give
due consideration to safety when making your
circuit designs , with appropriate measure such
as (I) placement of substitutive , auxiliary circuits ,
(ii) use of non-flammable material or (iii) prevention
against any malfunction or mishap.
12.0
21.0 +/-0.3
10.7
(1)
17.0 +/-0.2
GF-8
(2)
OUTLINE DRAWING
(1) GATE
(2) SOURCE (FLANGE)
(3) DRAIN
R-1 .6
(3)
(2)
0.6 +/-0.15
Unit : millimeters


Similar Part No. - MGFC36V3742A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V3742A MITSUBISHI-MGFC36V3742A Datasheet
103Kb / 2P
   3.7 - 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V3742A MITSUBISHI-MGFC36V3742A Datasheet
1Mb / 3P
   3.7 ~ 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V3742A MITSUBISHI-MGFC36V3742A_04 Datasheet
1Mb / 3P
   3.7 ~ 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFC36V3742A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
MGFC42V7177 MITSUBISHI-MGFC42V7177 Datasheet
105Kb / 2P
   C band Internally Matched Power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472_11 Datasheet
115Kb / 3P
   C band internally matched power GaAs FET
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
MGFC39V6472A MITSUBISHI-MGFC39V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC39V4450A MITSUBISHI-MGFC39V4450A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V5964 MITSUBISHI-MGFC38V5964_11 Datasheet
114Kb / 3P
   C band internally matched power GaAs FET
MGFC40V3742 MITSUBISHI-MGFC40V3742_11 Datasheet
94Kb / 2P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com