Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD12CTG Datasheet(PDF) 2 Page - Semtech Corporation

Part # SD12CTG
Description  Single Line TVS Diode for ESD Protection in Portable Electronics?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12CTG Datasheet(HTML) 2 Page - Semtech Corporation

  SD12CTG Datasheet HTML 1Page - Semtech Corporation SD12CTG Datasheet HTML 2Page - Semtech Corporation SD12CTG Datasheet HTML 3Page - Semtech Corporation SD12CTG Datasheet HTML 4Page - Semtech Corporation SD12CTG Datasheet HTML 5Page - Semtech Corporation SD12CTG Datasheet HTML 6Page - Semtech Corporation SD12CTG Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SD05C THRU SD24C
Absolute Maximum Rating
Electrical Characteristics
s
e
n
i
L
V
5
r
o
f
S
V
T
C
5
0
D
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=6
V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
=0
1A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=8
.
9V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
4
2
=5
.
4
1V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
z
H
M
1
=
f
,
V
0
=0
0
2F
p
s
e
n
i
L
V
2
1
r
o
f
S
V
T
C
2
1
D
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
2
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=3
.
3
1V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
2
1
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=9
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
1
=4
2V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
z
H
M
1
=
f
,
V
0
=0
0
1F
p
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
)
s
µ
0
2
/
8
=
p
t(
r
e
w
o
P
e
s
l
u
P
k
a
e
PP
k
p
0
5
3s
tt
a
W
)
s
µ
0
2
/
8
=
p
t(
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
PI
P
P
4
2A
)
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
m
r
o
f
e
v
a
W
M
B
H
(
e
g
a
tl
o
V
D
S
EV
P
P
0
3V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°


Similar Part No. - SD12CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
More results

Similar Description - SD12CTG

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com