Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3906G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N3906G
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906G Datasheet(HTML) 3 Page - ON Semiconductor

  2N3906G Datasheet HTML 1Page - ON Semiconductor 2N3906G Datasheet HTML 2Page - ON Semiconductor 2N3906G Datasheet HTML 3Page - ON Semiconductor 2N3906G Datasheet HTML 4Page - ON Semiconductor 2N3906G Datasheet HTML 5Page - ON Semiconductor 2N3906G Datasheet HTML 6Page - ON Semiconductor 2N3906G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N3906
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
2N3906
TO−92
5000 Units / Bulk
2N3906G
TO−92
(Pb−Free)
5000 Units / Bulk
2N3906RL1
TO−92
2000 / Tape & Reel
2N3906RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
2N3906RLRA
TO−92
2000 / Tape & Reel
2N3906RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
2N3906RLRM
TO−92
2000 / Tape & Ammo Box
2N3906RLRMG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
2N3906RLRP
TO−92
2000 / Tape & Ammo Box
2N3906RLRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Delay and Rise Time Equivalent Test Circuit
Figure 2. Storage and Fall Time Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
* Total shunt capacitance of test jig and connectors


Similar Part No. - 2N3906G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3906G ONSEMI-2N3906G Datasheet
81Kb / 7P
   General Purpose Transistors PNP Silicon
March, 2007 ??Rev. 3
logo
Foshan Blue Rocket Elec...
2N3906G FOSHAN-2N3906G Datasheet
985Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Unisonic Technologies
2N3906G-T92-B UTC-2N3906G-T92-B Datasheet
192Kb / 3P
   GENERAL PURPOSE APPLIATION
2N3906G-T92-K UTC-2N3906G-T92-K Datasheet
192Kb / 3P
   GENERAL PURPOSE APPLIATION
2N3906G-T92-R UTC-2N3906G-T92-R Datasheet
192Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - 2N3906G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com