Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SK10LVE111E Datasheet(HTML) 3 Page - Semtech Corporation

Part No. SK10LVE111E
Description  Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SK10LVE111E Datasheet(HTML) 3 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
SEMTECH
Today's Results
...Tomorrow's Vision
SK10LVE111E
SK100LVE111E
Low Voltage 1:9 Differential ECL/PECL
Clock Driver with Enable Input
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
t
i
n
U
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O-
5
3
1
10
9
8
-0
8
0
1
-0
4
8
-0
2
0
1
-0
1
8
-0
1
9
-0
2
7
-V
m
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
O0
5
9
1
-0
5
6
1
-0
5
9
1
-0
3
6
1
-0
5
9
1
-0
3
6
1
-0
5
9
1
-5
9
5
1
-V
m
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I0
3
2
1
-0
9
8
-0
7
1
1
-0
4
8
-0
3
1
1
-0
1
8
-0
6
0
1
-0
2
7
-V
m
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I0
5
9
1
-0
0
5
1
-0
5
9
1
-0
8
4
1
-0
5
9
1
-0
8
4
1
-0
5
9
1
-5
4
4
1
-V
m
V B
B
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
t
u
p
t
u
O-
3
4
.
10
3
.
1
-8
3
.
1
-7
2
.
1
-5
3
.
1
-5
2
.
1
-1
3
.
1
-9
1
.
1
-V
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I0
5
10
5
10
5
10
5
1A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I5
.
05
.
05
.
03
.
0A
µ
I E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P5
35
65
35
65
35
65
35
6A
m
SK10LVE111E ECL DC Electrical Characteristics
TA = –40˚C
TA = 0˚C
TA = +25˚C
TA = +85˚C
SK10LVE111E PECL DC Electrical Characteristics
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
t
i
n
U
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O
7
5
6
1
20
1
2
30
2
2
20
2
4
20
8
2
20
9
4
20
9
3
20
8
5
2V
m
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
O
7
0
5
3
10
5
6
10
5
3
10
7
6
10
5
3
10
7
6
10
5
3
15
0
7
1V
m
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
7
0
7
0
20
1
4
20
3
1
20
6
4
20
7
1
20
1
4
20
4
2
20
8
5
2V
m
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
7
0
5
3
10
0
8
10
5
3
10
2
8
10
5
3
10
2
8
10
5
3
15
5
8
1V
m
V B
B
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
t
u
p
t
u
O
7
7
8
.
10
0
.
22
9
.
13
0
.
25
9
.
15
0
.
29
9
.
11
1
.
2V
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I0
5
10
5
10
5
10
5
1V
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I5
.
05
.
05
.
03
.
0A
µ
I E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P6
66
66
66
6A
m
TA = –40˚C
TA = 0˚C
TA = +25˚C
TA = +85˚C
(VEE = VEE (min) to VEE (max); VCC = GND) (Notes 1 and 4)
(VCC = VCC (min) to VCC (max); VEE = GND) (Notes 1 and 4)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn