Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SM15
Description  TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM15 Datasheet(HTML) 3 Page - Semtech Corporation

  SM15 Datasheet HTML 1Page - Semtech Corporation SM15 Datasheet HTML 2Page - Semtech Corporation SM15 Datasheet HTML 3Page - Semtech Corporation SM15 Datasheet HTML 4Page - Semtech Corporation SM15 Datasheet HTML 5Page - Semtech Corporation SM15 Datasheet HTML 6Page - Semtech Corporation SM15 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SM05 THRU SM36
Electrical Characteristics (Continued)
5
1
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
1V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
1
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
=4
2V
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
MI
p
p
s
µ
0
2
/
8
=
p
t0
1A
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
5
7F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
3
o
t
2
d
n
a
3
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
0
1F
p
4
2
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
4
2V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
2V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
4
2
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
=3
4V
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
MI
p
p
s
µ
0
2
/
8
=
p
t5
A
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
5F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
3
o
t
2
d
n
a
3
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
6F
p
6
3
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
6
3V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=0
4V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
6
3
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
=0
6V
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
MI
p
p
s
µ
0
2
/
8
=
p
t4
A
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
4F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
3
o
t
2
d
n
a
3
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
5
4F
p


Similar Part No. - SM15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
161Kb / 7P
   TVS Diode Array
More results

Similar Description - SM15

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
logo
Yea Shin Technology Co....
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
   TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM12 BILIN-SM12 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com