Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF05C Datasheet(PDF) 2 Page - Semtech Corporation

Part # SMF05C
Description  TVS Diode Array For ESD and Latch-Up Protection???
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF05C Datasheet(HTML) 2 Page - Semtech Corporation

  SMF05C Datasheet HTML 1Page - Semtech Corporation SMF05C Datasheet HTML 2Page - Semtech Corporation SMF05C Datasheet HTML 3Page - Semtech Corporation SMF05C Datasheet HTML 4Page - Semtech Corporation SMF05C Datasheet HTML 5Page - Semtech Corporation SMF05C Datasheet HTML 6Page - Semtech Corporation SMF05C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SMF05C
Absolute Maximum Rating
Electrical Characteristics
C
5
0
F
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=6
V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
=5
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=8
.
9V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
8
=5
.
2
1V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
z
H
M
1
=
f
,
V
0
=0
3
1F
p
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
0
2
/
8
=
p
t(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
m )
sP
k
p
0
0
1s
tt
a
W
0
2
/
8
=
p
t(
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
P
m )
sI
P
P
8A
)r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
0
2
5
1
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
)
s
d
n
o
c
e
s
0
1
(
0
6
2
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
o
C


Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
   MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
   MULTI-LINE TVS ARRAY
More results

Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com