Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF201-22 Datasheet(PDF) 1 Page - Semtech Corporation

Part # STF201-22
Description  USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF201-22 Datasheet(HTML) 1 Page - Semtech Corporation

  STF201-22 Datasheet HTML 1Page - Semtech Corporation STF201-22 Datasheet HTML 2Page - Semtech Corporation STF201-22 Datasheet HTML 3Page - Semtech Corporation STF201-22 Datasheet HTML 4Page - Semtech Corporation STF201-22 Datasheet HTML 5Page - Semtech Corporation STF201-22 Datasheet HTML 6Page - Semtech Corporation STF201-22 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
STF201-22 & STF201-30
USB Downstream Port Filter & TVS
For EMI Filtering and ESD Protection
Description
Features
Schematic & Pin Configuration
Revision 9/2000
The STF201 is a combination EMI filter and line termi-
nation device with integrated TVS diodes for use on
downstream USB ports. It is constructed using a
proprietary technology that allows passive components
and TVS diodes to be integrated in the same package.
Each device will provide termination, filtering, and ESD
protection for one downstream USB port. The STF201
is an easily implemented solution for meeting the
requirements of revision 1.1 of the Universal Serial Bus
specification.
USB line termination is achieved with series 22W or
30W resistors on both the D+ and D- USB lines. These
resistors preserve signal integrity by matching the cable
impedance to that of the differential driver. The 15kW
pull-down resistors complete the termination circuit on
each line. They are required by the USB specification
to identify the line as a downstream connection. The
47pF capacitors are used to bypass high frequency
energy to ground and for edge rate control of the USB
signals. Finally, the STF201 contains TVS diodes for
ESD protection of both (D+ & D-) data lines and the
voltage bus (V
BUS). The TVS diodes provide effective
suppression of ESD voltages in excess of 15kV (air
discharge) and 8kV (contact discharge) per IEC 61000-
4-2, level 4.
The small size and integrated feature of the STF201
minimizes required board space and increases system
reliability. The pin-out of the device allows easy imple-
mentation. The STF201 is suitable for use in USB
hubs, computers, peripherals, and portable devices.
Applications
Mechanical Characteristics
u USB Hubs
u Portable electronics
u Printers
u Monitors
u Servers, Desktop, and Notebook computers
u Bidirectional EMI/RFI filtering and line termination
with integrated ESD protection
u ESD protection for USB power (V
BUS) and data lines
(D+ & D-) to IEC 61000-4-2 Level 4
u Filtering and termination for two USB data lines
u Different series resistors for impedance matching
u Low TVS operating voltage (5.25V)
u Low leakage current
u Low capacitance
u Solid-state technology
u EIAJ SOT23-6L package
u Molding compound flammability rating: UL 94V-0
u Marking : Marking Code
u Packaging : Tape and Reel per EIA 481
S0T23-6L (Top View)
Circuit Diagram


Similar Part No. - STF201-22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Similar Description - STF201-22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
   USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
KEC(Korea Electronics)
PF0224TE6 KEC-PF0224TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com