Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDMB50B12 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDMB50B12
Description  50A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB50B12 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDMB50B12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB50B12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB50B12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
日本インター株式会社
QS043-401M0057 (4/4)
PDMB50B12
5
10
20
50
100
200
300
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=600V
IC=50A
VGE=±15V
TC=25℃
tf
tr
ton
toff
01234
0
10
20
30
40
50
60
70
80
90
100
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
0
50
100
150
200
250
300
1
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=50A
TC=25℃
10
-5
10
-4
10
-3
10
-2
10
-1
110
2x10
-3
5x10
-3
10
-2
2x10
-2
5x10
-2
10
-1
2x10
-1
5x10
-1
1
2
5
Time t (s)
fig11-Tansient Thermal Impedance
Tc=25℃
1 Shot
IGBT
FRD
1
0
400
800
1200
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area
RG=20Ω
VGE=±15V
TC≦125℃


Similar Part No. - PDMB50B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB50B12 NIEC-PDMB50B12 Datasheet
114Kb / 3P
   IGBT MODULE Dual 50A 1200V
logo
National Instruments Co...
PDMB50B12 NI-PDMB50B12_15 Datasheet
205Kb / 3P
   IGBT
More results

Similar Description - PDMB50B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50B12 NIEC-PCHMB50B12_1 Datasheet
200Kb / 3P
   50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A_1 Datasheet
200Kb / 3P
   50A 1200V
PRHMB50B12A NIEC-PRHMB50B12A_1 Datasheet
200Kb / 3P
   50A 1200V
PRHMB50B12 NIEC-PRHMB50B12_1 Datasheet
200Kb / 3P
   50A 1200V
logo
Fuji Electric
2MBI50N-120 FUJI-2MBI50N-120 Datasheet
99Kb / 4P
   IGBT(1200V 50A)
6MBI50S-120 FUJI-6MBI50S-120 Datasheet
518Kb / 4P
   IGBT(1200V/50A)
6MBP50RA120 FUJI-6MBP50RA120 Datasheet
343Kb / 7P
   IGBT(1200V/50A)
2MBI50F-120 FUJI-2MBI50F-120 Datasheet
125Kb / 4P
   IGBT(1200V 50A)
logo
MacMic
MM50G3T120BM MACMIC-MM50G3T120BM Datasheet
617Kb / 5P
   1200V 50A IGBT
logo
Fuji Electric
2MBI50L-120 FUJI-2MBI50L-120 Datasheet
124Kb / 4P
   IGBT(1200V 50A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com