Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF422 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BF422
Description  High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF422 Datasheet(HTML) 1 Page - ON Semiconductor

  BF422_10 Datasheet HTML 1Page - ON Semiconductor BF422_10 Datasheet HTML 2Page - ON Semiconductor BF422_10 Datasheet HTML 3Page - ON Semiconductor BF422_10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2010
September, 2010 − Rev. 1
Publication Order Number:
BF422/D
1
BF422
High Voltage Transistors
NPN Silicon
Features
This is a Pb−Free Device*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
250
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
50
mAdc
Collector Current − Peak
ICM
100
mA
Total Device Dissipation (Note 1)
@ TA = 25°C
Derate above 25°C
PD
830
6.6
mW
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
150
°C/W
Thermal Resistance,
Junction−to−Lead
RqJL
68
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted on a FR4 board with 200 mm2 of 1 oz copper and lead length of
5 mm.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
BF422 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
=Pb−Free Package
TO−92
(TO−226AA)
CASE 29−11
STYLE 14
BF422
AYWW G
G
Device
Package
Shipping
ORDERING INFORMATION
BF422G
TO−92
(Pb−Free)
5000 Units/Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
COLLECTOR
2
3
BASE
1
EMITTER
(Note: Microdot may be in either location)
MARKING DIAGRAM
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3


Similar Part No. - BF422_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BF422 UTC-BF422_15 Datasheet
316Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - BF422_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com