Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF423ZL1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BF423ZL1G
Description  High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF423ZL1G Datasheet(HTML) 1 Page - ON Semiconductor

  BF423ZL1G Datasheet HTML 1Page - ON Semiconductor BF423ZL1G Datasheet HTML 2Page - ON Semiconductor BF423ZL1G Datasheet HTML 3Page - ON Semiconductor BF423ZL1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Publication Order Number:
BF421/D
© Semiconductor Components Industries, LLC, 2010
July, 2010 − Rev. 5
1
BF421, BF423
High Voltage Transistors
PNP Silicon
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol BF421 BF423
Unit
Collector−Emitter Voltage
VCEO
−300
−250
Vdc
Collector−Base Voltage
VCBO
−300
−250
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−500
mAdc
Collector Current − Peak
ICM
100
mA
Total Device Dissipation (Note 1)
@ TA = 25°C
Derate above 25°C
PD
830
6.6
mW
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
150
°C/W
Thermal Resistance,
Junction−to−Lead
RqJL
68
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted on a FR4 board with 200 mm2 of 1 oz copper and lead length of
5 mm.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAM
BF42x = Device Code
x = 1 or 3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
=Pb−Free Package
TO−92
CASE 29
STYLE 14
COLLECTOR
2
3
BASE
1
EMITTER
BF
42x
AYWW G
G
Device
Package
Shipping
ORDERING INFORMATION
(Note: Microdot may be in either location)
BF421ZL1G
TO−92
(Pb−Free)
2000/Ammo Pack
BF423G
TO−92
(Pb−Free)
5000 Units/Box
BF423ZL1G
TO−92
(Pb−Free)
2000/Ammo Pack
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3


Similar Part No. - BF423ZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF423 MOTOROLA-BF423 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Dc Components
BF423 DCCOM-BF423 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
SHENZHEN YONGERJIA INDU...
BF423 WINNERJOIN-BF423 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

Similar Description - BF423ZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com