Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30H150CTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR30H150CTG
Description  SWITCHMODE??Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30H150CTG Datasheet(HTML) 4 Page - ON Semiconductor

  MBR30H150CTG Datasheet HTML 1Page - ON Semiconductor MBR30H150CTG Datasheet HTML 2Page - ON Semiconductor MBR30H150CTG Datasheet HTML 3Page - ON Semiconductor MBR30H150CTG Datasheet HTML 4Page - ON Semiconductor MBR30H150CTG Datasheet HTML 5Page - ON Semiconductor MBR30H150CTG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBRF30H150CTG, MBR30H150CTG
http://onsemi.com
4
VR, REVERSE VOLTAGE (V)
Figure 7. Capacitance
10
100
1000
10000
0
50
100
150
TJ = 25°C
Figure 8. Thermal Response Junction−to−Ambient for MBR30H150CTG
1000
0.1
0.00001
t1, TIME (sec)
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
Figure 9. Thermal Response Junction−to−Case for MBR30H150CTG
1000
0.1
0.00001
t1, TIME (sec)
10
0.01
0.0001
0.001
0.01
1
10
100
0.000001
0.1
1
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.01


Similar Part No. - MBR30H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H150CTG ONSEMI-MBR30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR30H150CTG ONSEMI-MBR30H150CTG Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
More results

Similar Description - MBR30H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com