Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD1035CTLT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRD1035CTLT4G
Description  SWITCHMODE Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD1035CTLT4G Datasheet(HTML) 1 Page - ON Semiconductor

  MBRD1035CTLT4G Datasheet HTML 1Page - ON Semiconductor MBRD1035CTLT4G Datasheet HTML 2Page - ON Semiconductor MBRD1035CTLT4G Datasheet HTML 3Page - ON Semiconductor MBRD1035CTLT4G Datasheet HTML 4Page - ON Semiconductor MBRD1035CTLT4G Datasheet HTML 5Page - ON Semiconductor MBRD1035CTLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2010
July, 2010 − Rev. 7
1
Publication Order Number:
MBRD1035CTL/D
MBRD1035CTL
SWITCHMODE
Schottky Power Rectifier
DPAK Power Surface Mount Package
The MBRD1035CTL employs the Schottky Barrier principle in a
large area metal−to−silicon power diode. State of the art geometry
features epitaxial construction with oxide passivation and metal
overlay contact. Ideally suited for low voltage, high frequency
switching power supplies, free wheeling diode and polarity protection
diodes.
Features
Highly Stable Oxide Passivated Junction
Guardring for Stress Protection
Matched Dual Die Construction −
May be Paralleled for High Current Output
High dv/dt Capability
Short Heat Sink Tap Manufactured − Not Sheared
Very Low Forward Voltage Drop
Epoxy Meets UL 94 V−0 @ 0.125 in
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
SCHOTTKY BARRIER
RECTIFIER
10 AMPERES
35 VOLTS
1
3
4
DPAK
CASE 369C
MARKING DIAGRAM
1 2
3
4
http://onsemi.com
YWW
B10
35CLG
Y
= Year
WW
= Work Week
B1035CL
= Device Code
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBRD1035CTLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD1035CTLT4G ONSEMI-MBRD1035CTLT4G Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD1035CTLT4G ONSEMI-MBRD1035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRD1035CTLT4G ONSEMI-MBRD1035CTLT4G Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRD1035CTLT4G ONSEMI-MBRD1035CTLT4G Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
More results

Similar Description - MBRD1035CTLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
   SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
   SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
   SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
   SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF20100CT ONSEMI-MBRF20100CT Datasheet
79Kb / 4P
   SWITCHMODE Schottky Power Rectifier
June, 2007 - Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com