Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 2 Page - Sharp Corporation

Part # 6N137
Description  Super High Speed Response OPIC Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N137 Datasheet(HTML) 2 Page - Sharp Corporation

  6N137 Datasheet HTML 1Page - Sharp Corporation 6N137 Datasheet HTML 2Page - Sharp Corporation 6N137 Datasheet HTML 3Page - Sharp Corporation 6N137 Datasheet HTML 4Page - Sharp Corporation 6N137 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6N137
s Electro-optical Characteristics
Note ) Typical values are all at V CC = 5V, Ta = 25˚C
*1 Measured as 2-pin element. Connect pins 2 and 3, connect pins 5, 6, 7 and 8.
*2 At Iin =10 mA, VF decreases at the rate of 1.6mV/˚C if the temperature goes up.
*3 DC current transfer ratio is defined as the ratio of output collector current to forward bias input current.
*4, *5 Refer to the Fig. 1.
*6, *7 Refer to the Fig. 2.
*8 CM H represents a common mode voltage ignorable rise time ratio that can hold logic( 1) state in output.
CM L represents a common mode voltage ignorable fall time ratio that can hold logic( 0) state in output.
s Recommmended Operating Conditions
L:Logic ( 0 )
H:Logic ( 1 )
Truth Table
1. No necessary external pull-up resistor to hold enable input at high level
2. Connect a ceramic by-pass capacitor ( 0.01 to 0.1
F ) between VCC and GND at the position within 1cm from pin.
Anode
Cathode
V
V
V
GND
O
E
CC
(Enable)
Circuit Block Diagram
Input
Enable
Output
HH
L
LH
H
HL
H
LL
H
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
A
High level input current
I FH
7.0
15
mA
High level enable voltage
V EH
2.0
V CC
V
Low level enable voltage
V EL
0
0.8
V
Supply voltage
V CC
4.5
5.5
V
Fanout
( TTL load )
N-
8
Operating temperature
T opr
070
˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic ( 1) output current
I OH
VCC = 5.5V, V O = 5.5V, I F = 250
µA, VE = 2.0V
-
2
250
A
Logic ( 0) output voltage
V OL
VCC = 5.5V, I F
EH
= 2.0V, I OL
-
0.4
0.6
V
Logic ( 1) enable current
I EH
VCC = 5.5V, V E = 2.0V
-
- 0.8
-
Logic ( 0) enable current
IEL
VCC = 5.5V, V E = 0.5V
-
- 1.2
- 2.0
Logic ( 1) supply current
I CCH
VCC = 5.5V, I F
E
= 0.5V
-7
15
Logic ( 0) supply current
ICCL
VCC = 5.5V, I F
E
= 0.5V
-13
18
*1Leak current
II-O
I-O
dc
-
-
1.0
m A
*1Isolation resistance
( input-output )
R I-O
V I-O = 500V, Ta = 25˚C
-
1012
-
*1Capacitance
( input-output )
CI-O
f = 1MHz, Ta = 25˚C
-
0.6
-
pF
*2Input forward voltage
V F
IF
-
1.6
1.75
V
Input reverse voltage
BVR
IR = 10 m A, Ta = 25˚C
5
-
-
V
Input capacitance
CIN
V F = 0, f = 1MHz
-
60
-
pF
*3Current transfer ratio
CTR
IF
L
= 100
-
700
-
%
*4Propagation delay time
Output ( 0)
→ (1)
t PLH
Ta = 25˚C, V CC = 5V, R L = 350
Ω , C L = 15pF, I F
-45
75
ns
*5Propagation delay time
Output (1)
→ (0)
t PHL
Ta = 25˚C, V CC = 5V, R L = 350
Ω , C L = 15pF, I F
-45
75
ns
t r , t f
RL = 350
Ω , C L = 15pF, I F
-
20, 30
-
ns
*6Enable propagation
delay time (1)
→ ( 0)
t ELH
RL = 350
Ω , C L = 15pF, I FEH = 3.0V, V EL = 0.5V
-40
-
ns
*7Enable propagation
delay time
( 0)
→ (1)
t EHL
RL = 350
Ω , C L = 15pF, I FEH = 3.0V, V EL = 0.5V
-15
-
ns
*8Instantaneous common mode
rejection voltage “ Output ( 0) ”
CMH
V CM = 10V, R L = 350
Ω , VOF
-
500
-
V/
s
*8Instantaneous common mode
rejection voltage “ Output (1) ”
CML
VCM = 10V, R L = 350
Ω , V O
F
-
- 500
-
V/
s
Output rise-fall time
( 10 to 90% )
mA
mA
mA
mA
= 5mA, V
(Sinking ) = 13mA
= 0mA, V
= 10mA, V
= 7.5mA
= 7.5mA
= 10mA, Ta = 25˚C
= 5.0mA, R
= 5mA
= 0mA
( min. ) = 2V, I
(max. ) = 0.8V, I
= 7.5mA, V
= 7.5mA, V
= 7.5mA
( Ta = 0 to + 70˚C unless otherwise specified )
45% RH, Ta = 25˚C, t = 5s, V = 3 000V
-
µ
µ
µ
µ
µ


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910X SHARP-PC910X Datasheet
66Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
Sharp Corporation
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
   Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
   Ultra-high Speed Response and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com