Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT78B15 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT78B15
Description  High PSRR 500mA LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT78B15 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT78B15 Datasheet HTML 1Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 2Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 3Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 4Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT78B15 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 1.00
4
August 25, 2011
HT78Bxx
Electrical Characteristics
Ta=25°C, VIN=VOUT+1V, IOUT=30mA, unless otherwise specified(Note 2)
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VIN
Input Voltage
1.5V≤VOUT≤5.0V
2.5
7
V
∆VOUT
Output Voltage Tolerance
1mA≤IOUT≤30mA
-2
+2
%
∆VLINE
Line Regulation
VOUT+0.5V≤VIN≤7V, IOUT=10mA
0.02 0.1
%/V
∆VLOAD
Load Regulation(Note 3)
1mA≤IOUT≤500mA
1.5V≤VOUT≤1.8V
28
55
mV
2.5V≤VOUT≤3.0V
33
66
VOUT≥3.3V
35
80
VDROP
Dropout Voltage(Note 4)
∆VOUT= 2%,
IOUT=500mA
1.5V≤VOUT≤1.8V
1
1.3
V
2.5V≤VOUT≤5.0V
0.64 0.94
ISHORT
Short Current Limit
VOUT=0V
90
mA
ISS
Supply Current
IOUT=0mA
18
30
μA
ISD
Shutdown Current
CE=GND
0.1
1
μA
VIH
CE Input High Threshold
VOUT+1V≤VIN≤7V
1
7
V
VIL
CE Input Low Threshold
VOUT+1V≤VIN≤7V
0
0.3
V
RR
Ripple Rejection
IOUT=30mA
f=1kHz
70
dB
f=10kHz
53
VNOISE
Output Noise
Bandwidth=10Hz to 100KHz
30
μVrms
TC
Temperature Coefficient
TC=
OUT
a
OUT
V
TV
ƥ
, IOUT=30mA, -40°C≤Ta≤85°C
— ±100 — ppm/°C
TSD
Thermal Shutdown Temperature
150
°C
Note:1.Absolutemaximumratingsindicatelimitsbeyondwhichdamagetothedevicemayoccur.Operating
Ratingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonotguarantee
specificperformancelimits.Theguaranteedspecificationsapplyonlyforthetestconditionslisted.
2.SpecificationsareproductiontestedatTA=roomtemperature.Specificationsoverthe-40°Cto85°C
operatingtemperaturerangeareassuredbydesign,characterizationandcorrelationwithStatistical
QualityControls(SQC).
3.Loadregulationismeasuredatconstantjunctiontemperature,usingpulsetestingwithashortONtime.
Guaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/output
differentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbeavailable
overthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambienttemperature
isPD=(TJ(MAX)–TA)/θJA.
4.Dropoutvoltageistheminimuminputtooutputvoltagedifferentialneededtomaintainregulationata
specifiedoutputcurrent.Indropout,theoutputvoltagewillbeequalto:VIN–VDROP.


Similar Part No. - HT78B15

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
   High temperature accelerometer
Rev.B.1 09/18
logo
Holtek Semiconductor In...
HT7818 HOLTEK-HT7818 Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
Guangdong Youtai Semico...
HT7818-A UMW-HT7818-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Holtek Semiconductor In...
HT7825 HOLTEK-HT7825 Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
Guangdong Youtai Semico...
HT7825-A UMW-HT7825-A Datasheet
2Mb / 7P
   LDO Linear Regulator
More results

Similar Description - HT78B15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
logo
Linear Technology
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
   20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
   Dual 500mA High PSRR Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com