Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT72B28 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT72B28
Description  High PSRR 300mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B28 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT72B28 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.00
7
August 24, 2011
HT72Bxx
Supply Current vs. Temperature
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
13
4. Supply Current vs. Temperature(使用的是 HT78BXX 參數)
HT72B15
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=2.5V
HT72B25
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=3.5V
Ripple Rejection vs. Frequency
HT72B15 VIN=2.5V (IOUT=30, 80, 150mA)
Load Transient Response
HT72B15 VIN=2.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT
HT72B15 VIN=2.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT
HT72B25 VIN=3.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT


Similar Part No. - HT72B28

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
More results

Similar Description - HT72B28

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com