Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT78B50 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT78B50
Description  High PSRR 500mA LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT78B50 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT78B50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT78B50 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev. 1.00
7
August 25, 2011
HT78Bxx
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
16
5. Dropout Voltage vs. Output Current
HT78B15
OutputCurrent(mA)
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
85
oC
25
oC
-40
oC
HT78B25
OutputCurrent(mA)
0
100
200
300
400
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
85
oC
25
oC
-40
oC
Supply Current vs. Temperature
Dropout Voltage vs. Output Current
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
13
HT78B50
Temperature (
oC)
-50
-25
0
25
50
75
100
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
I
OUT=30mA
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
14
4. Supply Current vs. Temperature
HT78B15
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=2.5V
HT78B25
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=3.5V
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
15
HT78B50
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=6.0V


Similar Part No. - HT78B50

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
   High temperature accelerometer
Rev.B.1 09/18
logo
Holtek Semiconductor In...
HT7818 HOLTEK-HT7818 Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
Guangdong Youtai Semico...
HT7818-A UMW-HT7818-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Holtek Semiconductor In...
HT7825 HOLTEK-HT7825 Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
Guangdong Youtai Semico...
HT7825-A UMW-HT7825-A Datasheet
2Mb / 7P
   LDO Linear Regulator
More results

Similar Description - HT78B50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
logo
Linear Technology
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
   20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
   Dual 500mA High PSRR Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com