Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE4343 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE4343
Description  High?뭋oltage  High Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4343 Datasheet(HTML) 4 Page - ON Semiconductor

  MJE4343 Datasheet HTML 1Page - ON Semiconductor MJE4343 Datasheet HTML 2Page - ON Semiconductor MJE4343 Datasheet HTML 3Page - ON Semiconductor MJE4343 Datasheet HTML 4Page - ON Semiconductor MJE4343 Datasheet HTML 5Page - ON Semiconductor MJE4343 Datasheet HTML 6Page - ON Semiconductor MJE4343 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJE4343 MJE4353
http://onsemi.com
4
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
50
20
10
10
0.5
2.0
1.0
5.0
VCE = 2 V
Figure 6. MJE4340 Series (NPN)
TJ = 150°C
25
°C
−55
°C
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
10
10
0.5
2.0
1.0
5.0
Figure 7. MJE4350 Series (PNP)
2.0
0.05
IB, BASE CURRENT (AMP)
5.0
1.2
0
3.0
0.1
0.3
0.2
0.5
Figure 8. Collector Saturation Region
1.6
0.8
0.4
0.07
0.7
1.0
2.0
TJ = 25°C
IC = 4.0 A
8.0 A
16 A
VCE = 2 V
TJ = 150°C
25
°C
−55
°C
VCE = 2 V
TJ = 150°C
25
°C
−55
°C
DC CURRENT GAIN
t, TIME (ms)
0.01
0.02
0.05
1.0
2.0
5.0
10
20
50
100
2000
0.1
0.5
0.2
1.0
0.2
0.1
0.05
θJC(t) = r(t) θJC
θJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
Figure 9. Thermal Response
0.5
D = 0.5
0.05
0.02
200
500
1000
0.1
0.02
0.01
SINGLE
PULSE


Similar Part No. - MJE4343

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4343 MOSPEC-MJE4343 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4343 MOTOROLA-MJE4343 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
logo
Savantic, Inc.
MJE4343 SAVANTIC-MJE4343 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE4343 ISC-MJE4343 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com