Electronic Components Datasheet Search |
|
SPS-4381W-D41G Datasheet(PDF) 3 Page - Optoway Technology Inc |
|
SPS-4381W-D41G Datasheet(HTML) 3 Page - Optoway Technology Inc |
3 / 6 page Optoway SPS-4381W-DXXG *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2010 V2.0 3 Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Operating Case Temperature Topr 0 70 oC Power Supply Voltage Vcc -0.5 3.6 V Receiver Input for Damage Mip -3 dBm Average Power Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.13 3.3 3.47 V Operating Case Temperature Topr 0 70 oC Power Supply Current ICC (TX+RX) 350 500 mA Data Rate 2.125 8.5 Gb/s Transmitter Optical Specifications (0 oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Average Launch Power Po, AVG -1 3 dBm 1 Extinction Ratio ER 8.2 dB Center Wavelength Spacing 100 GHz 2 Transmitter Center Wavelength -- over life time λc X-100 X X+100 pm 3 Output Spectrum Width ∆λ --- 1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Relative Intensity Noise RIN -130 dB/Hz Transmitter Dispersion Penalty TDP 3 dB Up to 80km SMF Average Launch Power of OFF Transmitter -30 dBm 1. Output power is power coupled into a 9/125 µm single-mode fiber. 2. Corresponds to approximately 0.8 nm. 3. X = specified ITU Grid wavelength. Receiver Optical Specifications (0 oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Sensitivity -24 dBm 4 Receiver Overload PMAX -7 --- dBm LOS -- Deasserted LOSD --- --- -27 dBm Transition: low to high LOS -- Asserted LOSA -35 --- --- dBm Transition: high to low Wavelength of Operation λc 1480 1580 nm 4. Measured with average power; BER < 10 -12 and PRBS 27-1. Electrical Characteristics Parameter Symbol Min Typ Max Units Notes High-Speed Signal (CML) Interface Specification Input Data Rate 2.125 8.5 Gb/s Differential Input Impedance Rin 100 Ω Differential Data Input Amplitude 150 1200 mVpp Internally AC coupled Output Data Rate 2.125 8.5 Gb/s Differential Output Impedance Rout 100 Ω Differential Data Output Amplitude 350 600 700 mVpp Internally AC coupled Low-Speed Signal (LVTTL) Interface Specification Input High Voltage 2.0 Vcc+0.3 V |
Similar Part No. - SPS-4381W-D41G |
|
Similar Description - SPS-4381W-D41G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |