Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2381W-D51G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2381W-D51G
Description  10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2381W-D51G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2381W-D51G Datasheet HTML 1Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 2Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 3Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 4Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 5Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 6Page - Optoway Technology Inc SPS-2381W-D51G Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Optoway
SPS-2381W-DXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010 V1.0
1
SPS-2381W-DXXG
(RoHS Compliant)
10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 10.5 Gb/s Bi-directional Data Links
l Complaint to SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ER/EW
l Maximum Link Length of 80 km
l Temperature-stabilized DWDM EML Transmitter
l 23 dB Power Budget at Least
l 100 GHz ITU Grid, C Band
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE-ZR/ZW
l OC-192 / STM-64 LR2
l 80 km 10G Fibre Channel
DESCRIPTION
The SPS-2381W-DXXG series single mode transceiver is
small form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-ZR/ZW and OC-192/STM-64 LR2. It is with
the SFP 20-pin connector to allow hot plug capability.
Digital diagnostic functions are available via an I
2C. This
module is designed for single mode fiber and operates at a
nominal wavelength of 100GHz ITU Grid, C Band DWDM
wavelength. A guaranteed minimum optical link budget of
23 dB is offered.
The transmitter section
uses
temperature-stabilized DWDM electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs avalanche photodiode
preamplifier mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-2381W-D51G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381W-D51G OPTOWAY-SPS-2381W-D51G Datasheet
203Kb / 7P
   10.3 Gbps / 100 GHz DWDM / 80 km Digital Diagnostic LC
More results

Similar Description - SPS-2381W-D51G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG Datasheet
200Kb / 7P
   10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W-DXXG OPTOWAY-SPS-4381W-DXXG Datasheet
199Kb / 6P
   8.5 Gbps/ DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W-D21G OPTOWAY-SPS-2381W-D21G_11 Datasheet
203Kb / 7P
   10.3 Gbps / 100 GHz DWDM / 80 km Digital Diagnostic LC
SPS-2385W-D200G OPTOWAY-SPS-2385W-D200G Datasheet
208Kb / 8P
   10.3 Gbps / 80 km / 50 GHz DWDM Digital Diagnostic LC
SPS-4385W-D200G OPTOWAY-SPS-4385W-D200G Datasheet
205Kb / 7P
   8.5 Gbps/ 50 GHz DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-DXXG OPTOWAY-SPS-4341W-DXXG Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G_2015 OPTOWAY-SPS-2310W-CXX0G_2015 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com