Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10EEA2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 10EEA2
Description  Cost-effective EMI Power Inlet Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10EEA2 Datasheet(HTML) 5 Page - Tyco Electronics

  10EEA2 Datasheet HTML 1Page - Tyco Electronics 10EEA2 Datasheet HTML 2Page - Tyco Electronics 10EEA2 Datasheet HTML 3Page - Tyco Electronics 10EEA2 Datasheet HTML 4Page - Tyco Electronics 10EEA2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EEA & EEB Series
Cost-effective EMI Power Inlet Filter (continued)
152
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  

    

 
 

        

       

     


    
 

        

       

     


    
 

       


      

    


   
 

       


      

    


   
Differential Mode / Symmetrical (Line to Line)
 
  




 
 





















  
  

 
 






























  

 
 



















  
 
  
 
























Performance Data (continued)


Similar Part No. - 10EEA2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EEA2 MACOM-10EEA2 Datasheet
518Kb / 2P
   Cost Effective Compact REI Filter IEC Connector Package
More results

Similar Description - 10EEA2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EEA TEC-EEA Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
   Minimum Depth, Cost-effective Shielded Power Inlet Filter
logo
Tyco Electronics
1EF1F MACOM-1EF1F_11 Datasheet
245Kb / 3P
   EMI Power Inlet Filter
1EC1 MACOM-1EC1_11 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
logo
TE Connectivity Ltd
ED1 TEC-ED1 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
logo
Tyco Electronics
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com