Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS060326A580 Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS060326A580
Description  TransGuard Automotive Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS060326A580 Datasheet(HTML) 1 Page - AVX Corporation

  VCAS060326A580 Datasheet HTML 1Page - AVX Corporation VCAS060326A580 Datasheet HTML 2Page - AVX Corporation VCAS060326A580 Datasheet HTML 3Page - AVX Corporation VCAS060326A580 Datasheet HTML 4Page - AVX Corporation VCAS060326A580 Datasheet HTML 5Page - AVX Corporation VCAS060326A580 Datasheet HTML 6Page - AVX Corporation VCAS060326A580 Datasheet HTML 7Page - AVX Corporation VCAS060326A580 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TransGuard Automotive Series
Multilayer Varistors for Automotive Applications
GENERAL DESCRIPTION
The TransGuard Automotive Series are zinc oxide (ZnO) based ceramic semicon-
ductor devices with non-linear, bi-directional voltage-current characteristics.
They have the advantage of offering bi-directional overvoltage protection as well as
EMI/RFI attenuation in a single SMT package. The Automotive Series high current
and high energy handling capability make them well suited for protection against
automotive related transients.
FEATURES
• High Reliability
• High Energy Absorption (Load Dump)
• High Current Handling
• AEC Q200 Qualified
• Bi-Directional protection
• EMI/RFI attenuation
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• Internal Combustion Engine (ICE) Vehicles
• Hybrid Electric Vehicles (HEV)
• Plug-in Hybrid Electric Vehicles (PHEV)
• Commercial Vehicles
– CAN, LIN, FLEXRAY based modules
– Sensors
– Module load dump protection
– Motor/inductive load transient suppression
VC
Varistor
Chip
HOW TO ORDER
AS
Automotive
Series
1206
Case Size
0402
0603
0805
1206
1210
18
Working
Voltage
16 = 16Vdc
18 = 18Vdc
26 = 26Vdc
30 = 30Vdc
38 = 38Vdc
42 = 42Vdc
48 = 48Vdc
56 = 56Vdc
85 = 85Vdc
D
Energy
Rating
A = 0.1J
B = 0.2J
C = 0.3J
D = 0.4J
E = 0.5J
F = 0.7J
H = 1.2J
J = 1.5J
K = 0.6J
L = 0.8J
S = 1.9-2.0J
400
Clamping
Voltage
380 = 38V
390 = 42V
400 = 42V
580 = 60V
620 = 67V
650 = 67V
770 = 77V
800 = 80V
101 = 100V
111 = 110V
151 = 150V
R
Package
D = 7" (1000)
R = 7" (4000)
T = 13" (10,000)*
W = 13" (10,000)**
0402 only
P
Termination
P = Ni/Sn plated
PHYSICAL DIMENSIONS: mm (inches)
L
W
T
tt
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
0402
1.00±0.10
0.50±0.10
0.60
0.25±0.15
(0.040±0.004)
(0.020±0.004)
(0.024)
(0.010±0.006)
0603
1.60±0.15
0.80±0.15
0.90
0.35±0.15
(0.063±0.006)
(0.031±0.006)
(0.035)
(0.014±0.006)
0805
2.01±0.20
1.25±0.20
1.02
0.71 max.
(0.079±0.008)
(0.049±0.008)
(0.040)
(0.028 max.)
1206
3.20±0.20
1.60±0.20
1.02
0.94 max.
(0.126±0.008)
(0.063±0.008)
(0.040)
(0.037 max.)
1210
3.20±0.20
2.49±0.20
1.70
0.14 max.
(0.126±0.008)
(0.098±0.008)
(0.067)
(0.045 max.)
*Not available for 0402
**Only available packaging option for 0402


Similar Part No. - VCAS060326A580

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060326A580 AVX-VCAS060326A580 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS060326A580

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
VGAS AVX-VGAS Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
VC120638N770RP AVX-VC120638N770RP Datasheet
501Kb / 10P
   TransGuard AVX Multilayer Ceramic Transient Voltage Suppressors
VC121030H620DP AVX-VC121030H620DP Datasheet
502Kb / 10P
   TransGuard AVX Multilater Ceramic Transient Vltage Sppressors
logo
EPCOS
B72650M1140K072 EPCOS-B72650M1140K072 Datasheet
86Kb / 4P
   Monolithic; Automotive Series
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com