Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP122 Datasheet(PDF) 6 Page - ON Semiconductor

Part # TIP122
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP122 Datasheet(HTML) 6 Page - ON Semiconductor

  TIP122 Datasheet HTML 1Page - ON Semiconductor TIP122 Datasheet HTML 2Page - ON Semiconductor TIP122 Datasheet HTML 3Page - ON Semiconductor TIP122 Datasheet HTML 4Page - ON Semiconductor TIP122 Datasheet HTML 5Page - ON Semiconductor TIP122 Datasheet HTML 6Page - ON Semiconductor TIP122 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIP120, TIP121, TIP122 (NPN); TIP125, TIP126, TIP127 (PNP)
http://onsemi.com
6
20,000
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
VCE = 4.0 V
0.7
3.0
NPN
TIP120, TIP121, TIP122
PNP
TIP125, TIP126, TIP127
Figure 9. Collector Saturation Region
3.0
0.3
IB, BASE CURRENT (mA)
1.0
0.5
1.0
2.0
10
30
1.8
IC = 2.0 A
TJ = 25°C
4.0 A
2.2
2.6
0.7
5.0
3.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
VBE @ VCE = 4.0 V
3.0
10,000
5000
TJ = 150°C
25
°C
-55
°C
20
IC, COLLECTOR CURRENT (AMP)
VCE = 4.0 V
TJ = 150°C
25
°C
-55
°C
1.4
6.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
5.0 7.0
20,000
0.1
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
0.7
3.0
10,000
5000
5.0 7.0
7000
700
3.0
7.0
3.0
0.3
1.0
0.5
1.0
2.0
10
30
1.8
2.2
2.6
0.7
5.0
20
1.4
3.0
7.0
IC = 2.0 A
4.0 A
6.0 A
0.7
7.0
3.0
0.1
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
3.0
0.7
7.0


Similar Part No. - TIP122

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TIP122 BOURNS-TIP122 Datasheet
97Kb / 4P
   NPN SILICON POWER DARLINGTONS
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
TRANSYS Electronics Lim...
TIP122 TEL-TIP122 Datasheet
57Kb / 1P
   Plastic-Encapsulated Transistors
logo
Nanjing International G...
TIP122 DGNJDZ-TIP122 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
TIP122 MCC-TIP122 Datasheet
414Kb / 2P
   NPN Silicon Transistors
More results

Similar Description - TIP122

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com