Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411T Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5411T
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411T Datasheet(HTML) 4 Page - Intersil Corporation

  EL5411T Datasheet HTML 1Page - Intersil Corporation EL5411T Datasheet HTML 2Page - Intersil Corporation EL5411T Datasheet HTML 3Page - Intersil Corporation EL5411T Datasheet HTML 4Page - Intersil Corporation EL5411T Datasheet HTML 5Page - Intersil Corporation EL5411T Datasheet HTML 6Page - Intersil Corporation EL5411T Datasheet HTML 7Page - Intersil Corporation EL5411T Datasheet HTML 8Page - Intersil Corporation EL5411T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6837.2
EL5411T
PM
Phase Margin
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
50
°
CS
Channel Separation
f = 5MHz
90
dB
Electrical Specifications VS+ = +5V, VS- = -5V, RL = 1kΩ to 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Specifications VS+ = +5V, VS- = 0V, RL = 1kΩ to 2.5V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN TYP MAX UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 2.5V
3.5
17
mV
TCVOS
Average Offset Voltage Drift
(Note 6)
14 LD HTSSOP package
23
µV/°C
16 LD TQFN package
3
µV/°C
IB
Input Bias Current
VCM = 2.5V
2
60
nA
RIN
Input Impedance
1GΩ
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -0.5V to 5.5V
45
68
dB
AVOL
Open-Loop Gain
0.5V ≤ VOUTx ≤ 4.5V
62
82
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -4.2mA
60
150
mV
VOH
Output Swing High
IL = +4.2mA
4.85 4.94
V
ISC
Short-circuit Current
VCM = 2.5V, Source: VOUTx short to VS-,
Sink: VOUTx short to VS+
±110
mA
IOUT
Output Current
±70
mA
POWER SUPPLY PERFORMANCE
(VS+) - (VS-) Supply Voltage Range
4.5
19
V
IS
Supply Current
VCM = 2.5V, No load
12
15
mA
PSRR
Power Supply Rejection Ratio
Supply is moved from 4.5V to 19V
60
75
dB
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 7)
1V ≤ VOUTx ≤ 4V, 20% to 80%
75
V/µs
tS
Settling to +0.1% (Note 8)
AV = +1, VOUTx = 2V step,
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
90
ns
BW
-3dB Bandwidth
RF = 1kΩ, CL = 1.5pF
60
MHz
GBWP
Gain-Bandwidth Product
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
32
MHz
PM
Phase Margin
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
50
°
CS
Channel Separation
f = 5MHz
90
dB


Similar Part No. - EL5411T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5411TILZ INTERSIL-EL5411TILZ Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411TILZ RENESAS-EL5411TILZ Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5411TILZ-T13 INTERSIL-EL5411TILZ-T13 Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5411T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com