Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411T Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5411T
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5411T Datasheet HTML 6Page - Intersil Corporation EL5411T Datasheet HTML 7Page - Intersil Corporation EL5411T Datasheet HTML 8Page - Intersil Corporation EL5411T Datasheet HTML 9Page - Intersil Corporation EL5411T Datasheet HTML 10Page - Intersil Corporation EL5411T Datasheet HTML 11Page - Intersil Corporation EL5411T Datasheet HTML 12Page - Intersil Corporation EL5411T Datasheet HTML 13Page - Intersil Corporation EL5411T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6837.2
FIGURE 25. SMALL-SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 26. STEP SIZE vs SETTLING TIME
FIGURE 27. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 28. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 29. BASIC TEST CIRCUIT
Typical Performance Curves (Continued)
0
20
40
60
80
100
10
100
1k
LOAD CAPACITANCE (pF)
VS = ±5V
TA = +25°C
AV = 1
RL = 1kΩ
VINx = ±50mV
-5
-4
-3
-2
-1
0
1
2
3
4
5
70
80
90
SETTLING TIME (ns)
VS = ±5V
TA = +25°C
AV = 1
RL= 1kΩ || 1kΩ (PROBE)
CL =1.5pF
6V STEP
50ns/DIV
VS = ±5V
TA = +25°C
AV = 1
RL= 1kΩ || 1kΩ (PROBE)
CL = 1.5pF
50ns/DIV
100mV STEP
VS = ±5V
TA = +25°C
AV = 1
RL= 1kΩ || 1kΩ (PROBE)
CL = 1.5pF
CLA
RLA
49.9
VOUTD
CLD
RLD
CLC
RLC
4.7µF
0.1µF
+
VOUTB
CLB
RLB
49.9
49.9
VS-
4.7µF
0.1µF
+
VINC+
49.9
0
0
0
0
VINA+
VOUTA
THERMAL PAD
CONNECTED TO VS-
VOUTC
VS+
EL5411T
(14 LD HTSSOP shown)
VINB+
VIND+
VOUTA
VINA-
VINA+
Vs+
VINB+
VINB-
VOUTB
VOUTD
VIND-
VIND+
Vs-
VINC+
VINC-
VOUTC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
EL5411T


Similar Part No. - EL5411T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5411TILZ INTERSIL-EL5411TILZ Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411TILZ RENESAS-EL5411TILZ Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5411TILZ-T13 INTERSIL-EL5411TILZ-T13 Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5411T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com