Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS154MS Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCS154MS
Description  Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154MS Datasheet(HTML) 7 Page - Intersil Corporation

  HCS154MS_11 Datasheet HTML 1Page - Intersil Corporation HCS154MS_11 Datasheet HTML 2Page - Intersil Corporation HCS154MS_11 Datasheet HTML 3Page - Intersil Corporation HCS154MS_11 Datasheet HTML 4Page - Intersil Corporation HCS154MS_11 Datasheet HTML 5Page - Intersil Corporation HCS154MS_11 Datasheet HTML 6Page - Intersil Corporation HCS154MS_11 Datasheet HTML 7Page - Intersil Corporation HCS154MS_11 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FN2479.3
January 6, 2011
AC Timing Diagrams
AC Load Circuit
TABLE 10. AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
HCS154MS


Similar Part No. - HCS154MS_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
   Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
More results

Similar Description - HCS154MS_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
   Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Intersil Corporation
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
   Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com