Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

585-3425 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 585-3425
Description  Multi-Chip BASED LED T1 3/4 Bi-Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585-3425 Datasheet(HTML) 2 Page - Dialight Corporation

  585-3425 Datasheet HTML 1Page - Dialight Corporation 585-3425 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDEL585BP001_B
POLARIZED
NON-POLARIZED
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent lamp when used
in similar packages. These advancements have created a new type of product called the based LED - an LED with the functionality
of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T1 3/4 Midget Flange
T1 3/4 Bi-Pin
T1 3/4 Wedge (T5)
T2 Telephone Slide
T3 1/4 Miniature Bayonet (BA9s)
T3 1/4 Miniature Screw (E10)
T3 1/4 Wedge (T10)
15mm SC Bayonet (BA15s)
Dialight’s line of based LEDs continues to grow. Please visit our website for more information.
www.dialight.com
Based LE Ds
SELECTION
585-3211
Red
660
6
50
67
585-3311
Green
565
6
46
77
585-3411
Yellow
585
6
44
22
585-3213
Red
660
14
30
60
585-3313
Green
565
14
28
70
585-3413
Yellow
585
14
30
23
585-3215
Red
660
28
16
64
585-3315
Green
565
28
15
75
585-3415
Yellow
585
28
15
23
Peak
Voltage
Current
Intensity
Part Number
Color
Wavelength (nm)
(VDC)
TYP.-(mA)
TYP.-(mcd)
585-3221
Red
660
6
75
50
585-3321
Green
565
6
67
56
585-3421
Yellow
585
6
73
18
585-3223
Red
660
14
26
50
585-3323
Green
565
14
23
56
585-3423
Yellow
585
14
24
18
585-3225
Red
660
28
14
56
585-3325
Green
565
28
13
65
585-3425
Yellow
585
28
13
20
Peak
Voltage
Current
Intensity
Part Number
Color
Wavelength (nm)
(VDC)
TYP.-(mA)
TYP.-(mcd)
585 Series
Multi-Chip BASED LED
T1 3/4 Bi-Pin
Dialight reserves the right to make changes at any time
in order to supply the best product possible.


Similar Part No. - 585-3425

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
585-3421 DIALIGHT-585-3421 Datasheet
26Kb / 1P
   585 SERIES BASED LEDs-MULTI-CHIP
More results

Similar Description - 585-3425

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1301-101F DIALIGHT-586-1301-101F Datasheet
123Kb / 2P
   Single Chip BASED LED T1 3/4 BI-PIN
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
logo
Chicago Miniature Lamp,...
1501035X CML-1501035X Datasheet
254Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 4-Chip-LED
1501045X CML-1501045X Datasheet
254Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 4-Chip-LED
logo
Dialight Corporation
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
logo
Chicago Miniature Lamp,...
1501235X CML-1501235X Datasheet
255Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 6-Chip-LED
1501245X CML-1501245X Datasheet
255Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 6-Chip-LED
logo
Dialight Corporation
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
logo
Chicago Miniature Lamp,...
1509035X CML-1509035X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com