Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL380 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL380
Description   High Output, f 3mm ResinMold Type Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL380 Datasheet(HTML) 3 Page - Sharp Corporation

  GL380 Datasheet HTML 1Page - Sharp Corporation GL380 Datasheet HTML 2Page - Sharp Corporation GL380 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GL380/GL381
1
10
100
1
0.1
10
100
0.1
1
10
100
1
10
100
0.1
Pulse
( Pulse width
100
µ s)
80
60
40
20
100
+ 90˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
+ 20˚
+ 10˚
0
- 30˚
- 10˚
- 20˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
0
Angular displacement
θ
Fig. 7 Radiant Intensity vs.
Forward Current
Forward current I F ( mA )
Distance to detector d ( mm )
Fig. 9 Radiation Diagram
Fig. 8 Relative Collector Current vs.
Distance
( Detector : PT380 / PT381 )
IF = 50mA
Ta = 25˚C
Ta= 25˚C
1000
q Please refer to the chapter “ Precautions for Use ”
<=


Similar Part No. - GL380

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Sharp Corporation
GL382 SHARP-GL382 Datasheet
31Kb / 3P
   IrDA-Based SIR System-Conforming Infrared Emitting Diode
logo
Hynix Semiconductor
GL3820 HYNIX-GL3820 Datasheet
27Kb / 2P
   1 Video Output 75U-1 VPP No Switched
More results

Similar Description - GL380

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP34SF7C KINGBRIGHT-WP34SF7C Datasheet
184Kb / 4P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3C-P22 KINGBRIGHT-WP710A10F3C-P22 Datasheet
725Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP710A10F3C KINGBRIGHT-WP710A10F3C_15 Datasheet
317Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP7104SF4C KINGBRIGHT-WP7104SF4C Datasheet
407Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP7104F3C KINGBRIGHT-WP7104F3C Datasheet
407Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10SF4C-P22 KINGBRIGHT-WP710A10SF4C-P22 Datasheet
745Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP710A10SF4C KINGBRIGHT-WP710A10SF4C_15 Datasheet
318Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3BT-P22 KINGBRIGHT-WP710A10F3BT-P22 Datasheet
741Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP710A10SF4BT-P22 KINGBRIGHT-WP710A10SF4BT-P22 Datasheet
740Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
logo
Lucky Light Electronic
GB-IR224 LUCKY-LIGHT-GB-IR224 Datasheet
44Kb / 1P
   Infrared Emitting Diodes (3mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com