Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F1803 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74F1803
Description  CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F1803 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74F1803 Datasheet HTML 1Page - Motorola, Inc MC74F1803 Datasheet HTML 2Page - Motorola, Inc MC74F1803 Datasheet HTML 3Page - Motorola, Inc MC74F1803 Datasheet HTML 4Page - Motorola, Inc MC74F1803 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74F1803
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
4
OUTLINE DIMENSIONS
N SUFFIX
PLASTIC PACKAGE
CASE 646-06
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
18.16
6.10
3.69
0.38
1.02
1.32
0.20
2.92
19.56
6.60
4.69
0.53
1.78
2.41
0.38
3.43
0
°
0.39
0.715
0.240
0.145
0.015
0.040
0.052
0.008
0.115
0.770
0.260
0.185
0.021
0.070
0.095
0.015
0.135
10
°
1.01
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
0
°
0.015
10
°
0.039
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. LEADS WITHIN 0.13 mm (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION “L” TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION “B” DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
5. 646-05 OBSOLETE, NEW STANDARD 646-06.
17
14
8
B
A
NOTE 4
F
H
G
D
SEATING
PLANE
N
K
C
L
J
M
D SUFFIX
SOIC PACKAGE
CASE 751A-02
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
0.229
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
0.244
0.019
1.27 BSC
0.050 BSC
°°
°
°
NOTES:
1. DIMENSIONS “A” AND “B” ARE DATUMS AND
“T” IS A DATUM SURFACE.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
3. CONTROLLING DIMENSION: MILLIMETER.
4. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
6. 751A-01 IS OBSOLETE, NEW STANDARD
751A-02.
0.25 (0.010) M
T
S
S
A
B
MM
0.25 (0.010)
B
-A-
-B-
P
G
C
K
SEATING
PLANE
14 PL
D
M
F
J
7 PL
R X 45
°
1
7
8
14


Similar Part No. - MC74F1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112D MOTOROLA-MC74F112D Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112J MOTOROLA-MC74F112J Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112N MOTOROLA-MC74F112N Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
More results

Similar Description - MC74F1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Texas Instruments
74ACT11379 TI1-74ACT11379 Datasheet
98Kb / 6P
[Old version datasheet]   QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
NXP Semiconductors
74F5074 PHILIPS-74F5074 Datasheet
92Kb / 12P
   Synchronizing dual D-type flip-flop/clock driver
1990 Sep 14
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com