Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR430B Datasheet(PDF) 1 Page - Analog Devices

Part # ADR430B
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR430B Datasheet(HTML) 1 Page - Analog Devices

  ADR430B Datasheet HTML 1Page - Analog Devices ADR430B Datasheet HTML 2Page - Analog Devices ADR430B Datasheet HTML 3Page - Analog Devices ADR430B Datasheet HTML 4Page - Analog Devices ADR430B Datasheet HTML 5Page - Analog Devices ADR430B Datasheet HTML 6Page - Analog Devices ADR430B Datasheet HTML 7Page - Analog Devices ADR430B Datasheet HTML 8Page - Analog Devices ADR430B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Noise XFET Voltage References
with Current Sink and Source Capability
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise (0.1 Hz to 10.0 Hz): 3.5 μV p-p @ 2.5 V output
No external capacitor required
Low temperature coefficient
A Grade: 10 ppm/°C maximum
B Grade: 3 ppm/°C maximum
Load regulation: 15 ppm/mA
Line regulation: 20 ppm/V
Wide operating range
ADR430: 4.1 V to 18 V
ADR431: 4.5 V to 18 V
ADR433: 5.0 V to 18 V
ADR434: 6.1 V to 18 V
ADR435: 7.0 V to 18 V
ADR439: 6.5 V to 18 V
High output source and sink current: +30 mA and −20 mA
Wide temperature range: −40°C to +125°C
APPLICATIONS
Precision data acquisition systems
High resolution data converters
Medical instruments
Industrial process control systems
Optical control circuits
Precision instruments
PIN CONFIGURATIONS
NOTES
1. NIC = NO INTERNAL CONNECTION
2. TP = TEST PIN (DO NOT CONNECT)
ADR43x
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NIC 3
GND 4
TP
COMP
VOUT
TRIM
8
7
6
5
Figure 1. 8-Lead MSOP (RM-8)
NOTES
1. NIC = NO INTERNAL CONNECTION
2. TP = TEST PIN (DO NOT CONNECT)
ADR43x
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NIC 3
GND 4
TP
COMP
VOUT
TRIM
8
7
6
5
Figure 2. 8-Lead SOIC_N (R-8)
GENERAL DESCRIPTION
The ADR43x series is a family of XFET® voltage references
featuring low noise, high accuracy, and low temperature drift
performance. Using Analog Devices, Inc., patented temperature
drift curvature correction and XFET (eXtra implanted junction
FET) technology, voltage change vs. temperature nonlinearity in
the ADR43x is minimized.
The XFET references operate at lower current (800 μA) and
lower supply voltage headroom (2 V) than buried Zener
references. Buried Zener references require more than 5 V
headroom for operation. The ADR43x XFET references are
the only low noise solutions for 5 V systems.
The ADR43x family has the capability to source up to 30 mA of
output current and sink up to 20 mA. It also comes with a trim
terminal to adjust the output voltage over a 0.5% range without
compromising performance.
The ADR43x is available in 8-lead MSOP and 8-lead narrow
SOIC packages. All versions are specified over the extended
industrial temperature range of −40°C to +125°C.
Table 1. Selection Guide
Model
Output
Voltage (V)
Accuracy (mV)
Temperature
Coefficient
(ppm/°C)
ADR430A
2.048
±3
10
ADR430B
2.048
±1
3
ADR431A
2.500
±3
10
ADR431B
2.500
±1
3
ADR433A
3.000
±4
10
ADR433B
3.000
±1.5
3
ADR434A
4.096
±5
10
ADR434B
4.096
±1.5
3
ADR435A
5.000
±6
10
ADR435B
5.000
±2
3
ADR439A
4.500
±5.5
10
ADR439B
4.500
±2
3


Similar Part No. - ADR430B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430B AD-ADR430B Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430B AD-ADR430B Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430B AD-ADR430B Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430BR AD-ADR430BR Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430BR-REEL7 AD-ADR430BR-REEL7 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
More results

Similar Description - ADR430B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com