Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

612-3232-120F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 612-3232-120F
Description  LED Panel Mount Indicators for 12mm Mounting Hole
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

612-3232-120F Datasheet(HTML) 1 Page - Dialight Corporation

  612-3232-120F Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
612 Series
LED Panel Mount Indicators
for 12mm Mounting Hole
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL612X001_B
APPLICATIONS
Dialight's 600 series of metric indicators are designed for a variety of
applications such as:
• Main and remote power indication
• Status Indication
• Maintenance and warning indication
• Instrumentation
...and many more!
SPECIFICATIONS
Dimensions in inches [mm]
All measurements are typical
RoHS Compliant
Long Life - typically 100K hours
Low power consumption - uses up to 90% less
energy than an incandescent indicator
No heat generated
Colors include red, green and yellow
Front panel mounting
Voltage requirements: 6, 12 and 24 VDC
(No limiting resistor required)
Electrical connection through solder terminals
Mounting hole size: 0.492 inches (12.5 mm)
Maximum panel thickness: 0.236 inches (6.3 mm)
Mounts with lock washer and nut
(0.217 lbs/ft or 3 Kg/cm torque recommended)
Operating Temperature : -25ºC to +85ºC
Storage Temperature: -25ºC to +100ºC
Housing Material: Polycarbonate
Lens Material: Polycarbonate to match emitting color
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Part Number
Color
Voltage
(VDC)
Current
(mA)
Typ. Intensity
(mcd)
RoHS
Compliant
612-3132-120F
Red
6
15
60
612-3232-120F
Green
6
15
110
612-3332-120F
Yellow
6
15
90
612-3132-130F
Red
12
15
60
612-3232-130F
Green
12
15
110
612-3332-130F
Yellow
12
15
90
612-3132-140F
Red
24
15
60
612-3232-140F
Green
24
15
110
612-3332-140F
Yellow
24
15
90


Similar Part No. - 612-3232-120F

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
612-324-04 MARL-612-324-04 Datasheet
451Kb / 5P
   횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
612-324-04 MARL-612-324-04 Datasheet
264Kb / 2P
   PANEL INDICATOR LED
612-324-04-15 MARL-612-324-04-15 Datasheet
451Kb / 5P
   횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
612-324-20 MARL-612-324-20 Datasheet
264Kb / 2P
   PANEL INDICATOR LED
612-324-21 MARL-612-324-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results

Similar Description - 612-3232-120F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com