Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

607-1312-320F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 607-1312-320F
Description  LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

607-1312-320F Datasheet(HTML) 2 Page - Dialight Corporation

  607-1312-320F Datasheet HTML 1Page - Dialight Corporation 607-1312-320F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Color
Voltage
(VDC)
Intensity*
TYP. (mcd)
LED
Positions
Fig.
Panel
Thickness
607-1112-110F
Red
2
22
Protuding
1
0.187”
(4.75mm)
607-1212-110F
Green
2
50
Protuding
1
607-1312-110F
Yellow
2
66
Protuding
1
607-1112-120F
Red
6
22
Protuding
2
0.265”
(6.75mm)
607-1212-120F
Green
6
50
Protuding
2
607-1312-120F
Yellow
6
66
Protuding
2
607-1112-130F
Red
12
22
Protuding
2
607-1212-130F
Green
12
50
Protuding
2
607-1312-130F
Yellow
12
66
Protuding
2
607-2112-110F
Red
2
22
Recessed
3
0.136”
(3.50mm)
607-2212-110F
Green
2
50
Recessed
3
607-2312-110F
Yellow
2
66
Recessed
3
607-2112-120F
Red
6
22
Recessed
4
0.336”
(8.50mm)
607-2212-120F
Green
6
50
Recessed
4
607-2312-120F
Yellow
6
66
Recessed
4
607-2112-130F
Red
12
22
Recessed
4
607-2212-130F
Green
12
50
Recessed
4
607-2312-130F
Yellow
12
66
Recessed
4
607-3132-120F
Red
6
20
Internal
5
0.187”
(4.75mm)
607-3232-120F
Green
6
45
Internal
5
607-3332-120F
Yellow
6
60
Internal
5
607-3132-130F
Red
12
20
Internal
5
607-3232-130F
Green
12
45
Internal
5
607-3332-130F
Yellow
12
60
Internal
5
607-3132-140F
Red
24
20
Internal
5
607-3232-140F
Green
24
45
Internal
5
607-3332-140F
Yellow
24
60
Internal
5
STANDARD VERSIONS
WATERTIGHT VERSIONS
*15 mA current
Part Number
Color
Voltage
(VDC)
Intensity*
TYP. (mcd)
LED
Positions
Fig.
Panel
Thickness
607-1112-310F
Red
2
22
Protuding
1
0.147”
(3.75mm)
607-1212-310F
Green
2
50
Protuding
1
607-1312-310F
Yellow
2
66
Protuding
1
607-1112-320F
Red
6
22
Protuding
2
0.226”
(5.75mm)
607-1212-320F
Green
6
50
Protuding
2
607-1312-320F
Yellow
6
66
Protuding
2
607-1112-330F
Red
12
22
Protuding
2
607-1212-330F
Green
12
50
Protuding
2
607-1312-330F
Yellow
12
66
Protuding
2
607-2112-310F
Red
2
22
Recessed
3
0.096”
(2.50mm)
607-2212-310F
Green
2
50
Recessed
3
607-2312-310F
Yellow
2
66
Recessed
3
607-2112-320F
Red
6
22
Recessed
4
0.296”
(7.50mm)
607-2212-320F
Green
6
50
Recessed
4
607-2312-320F
Yellow
6
66
Recessed
4
607-2112-330F
Red
12
22
Recessed
4
607-2212-330F
Green
12
50
Recessed
4
607-2312-330F
Yellow
12
66
Recessed
4
607-3132-320F
Red
6
20
Internal
5
0.147”
(3.75mm)
607-3232-320F
Green
6
45
Internal
5
607-3332-320F
Yellow
6
60
Internal
5
607-3132-330F
Red
12
20
Internal
5
607-3232-330F
Green
12
45
Internal
5
607-3332-330F
Yellow
12
60
Internal
5
607-3132-340F
Red
24
20
Internal
5
607-3232-340F
Green
24
45
Internal
5
607-3332-340F
Yellow
24
60
Internal
5
MDEL607X001_D


Similar Part No. - 607-1312-320F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
607-1 ETC2-607-1 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
607-10 ETC2-607-10 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
More results

Similar Description - 607-1312-320F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com