Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1878T+TR Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1878T+TR
Description  SFP Controller with Digital LDD Interface
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1878T+TR Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1878T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 9Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 10Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 11Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 12Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 13Page - Maxim Integrated Products DS1878T+TR Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
SFP+ Controller with Digital LDD Interface
10
______________________________________________________________________________________
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1
RSELOUT
Rate-Select Output
2
SCL
I2C Serial-Clock Input
3
SDA
I2C Serial-Data Input/Output
4
TXFOUT
Transmit Fault Output, Open Drain
5
LOS
Loss of Signal Input
6
IN1
Digital Input. General-purpose
input, AS1 in SFF-8079, or RS1 in
SFF-8431.
7
TXD
Transmit Disable Input
8, 17, 21
GND
Ground Connection
9
RSEL
Rate-Select Input
10
TXDOUT
Transmit Disable Output
11
MON4
External Monitor Input 4
12, 13
MON3P,
MON3N
Differential External Monitor Input 3
and LOS Quick Trip
14
MON1
External Monitor Input 1 and
HBATH Quick Trip
15, 23
VCC
Power-Supply Input
16
MON2
External Monitor Input 2, Feedback
Voltage for APC Loop, and TXP
HI/TXP LO Quick Trip
PIN
NAME
FUNCTION
18
REFIN
Reference Input for DAC1 and
19
DAC1
Delta-Sigma Output 1
20
DAC2
Delta-Sigma Output 2
22
CSEL2OUT
Chip-Select Output 2. Part of 3-wire
interface to a laser driver/limiting
amplifier.
24
CSEL1OUT
Chip-Select Output 1. Part of 3-wire
interface to a laser driver/limiting
amplifier.
25
SCLOUT
Serial-Clock Output. Part of 3-wire
interface to a laser driver/limiting
amplifier.
26
SDAOUT
Serial-Data Input/Output. Part of
3-wire interface to a laser
driver/limiting amplifier.
27
LOSOUT
Receive Loss-of-Signal Output
28
TXF
Transmit Fault Input
EP
Exposed Pad. Connect to ground.
THIN QFN
(5mm
× 5mm × 0.75mm)
TOP VIEW
26
27
25
24
10
9
11
12
12
SCLOUT
45
6
7
20
21
19
17
16
15
SDAOUT
LOSOUT
MON3P
MON4
TXDOUT
RSEL
3
18
28
8
TXF
GND
CSEL1OUT
23
13
MON3N
VCC
22
14
MON1
CSEL2OUT
DS1878
EP
+


Similar Part No. - DS1878T+TR

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
DS1870E-010 MAXIM-DS1870E-010 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870E-010 MAXIM-DS1870E-010 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
More results

Similar Description - DS1878T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
logo
Asahi Kasei Microsystem...
AK2557 AKM-AK2557 Datasheet
157Kb / 4P
   4ch Cathode Common LDD with Digital APC
AK2559 AKM-AK2559 Datasheet
158Kb / 4P
   2ch Cathode Common LDD with Digital APC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com