Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5977BETP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5977BETP+
Description  1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5977BETP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5977BETP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5977BETP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
1V to 16V, Single-Channel, Hot-Swap Controllers
with Precision Current-Sensing Output
General Description
The MAX5977A/MAX5977B hot-swap controllers provide
complete protection for systems with a 1V to 16V single-
supply voltage.
During the initial insertion, the hot-swap controllers
limit the inrush current from damaging the board or
from shorting out the backplane. When the input volt-
age is above the undervoltage threshold and below the
overvoltage threshold, a 5FA current source powered
from the internal 5V charge pump drives the gate of an
external n-channel MOSFET, providing a slow turn-on
response. An internal current-sense amplifier in the IC
monitors the current across an external shunt resistor,
providing current sensing for wide input-sense voltage
range. The devices provide two levels of overcurrent
circuit-breaker protections: a fast-trip threshold for a fast
turn-off and a lower slow-trip threshold for a delayed
turn-off.
Exceeding either of the overcurrent circuit-breaker
thresholds forces the device into fault mode where the
external n-channel MOSFET is disabled. The MAX5977
is available in two versions that provide a latched-off
(MAX5977A) or autoretry (MAX5977B) output when the
device is in fault mode.
A calibration mode allows further calibration of the inte-
grated transconductance amplifier for production testing
of the final design. The devices are offered in a 20-pin,
4mm x 4mm, TQFN-EP package and are fully specified
from -40NC to +85NC.
Features
S
1% Accurate Current-Sense Amplifier Output
S
Hot-Swap Monitors Operation from 1V to 16V
S
Integrated Charge Pump Fully Enhances the
External n-Channel FET (VGATE = VIN + 5V)
S
VariableSpeed/BiLevelK Fault Protection Provides
Electronic Circuit-Breaker Function
S
Output Latched Off After Fault Condition
(MAX5977A)
S
Autoretry After Fault Condition (MAX5977B)
S
Power-Good Indicator
S
Calibration Mode
S
Small, 20-Pin, 4mm x 4mm TQFN-EP Package
Applications
Servers
Storage Systems
Network Switches and Routers
General Hot-Swap
19-5553; Rev 2; 7/11
Ordering Information
Typical Operating Circuit
VariableSpeed/BiLevel is a trademark of Maxim Integrated
Products, Inc.
Note: All devices are specified over the -40NC to +85NC oper-
ating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
EVALUATION
KIT
AVAILABLE
MAX5977A
MAX5977B
CALSENSE
SOURCE
CSOUT
FAULT
PG
CAL
PWR
AGND
SCOMP
FCOMP
IN
SENSE
GATE
GND
2.7V TO 16V
CALIBRATION
MODE INPUT
RCAL
RSCOMP
RFCOMP
RSENSE
RGATE
+3.3V
RCSOUT
CGATE
CL
TO LOAD
CURRENT-SENSE
AMPLIFIER OUTPUT
FAULT OUTPUT
POWER-GOOD OUTPUT
VIN
1V TO 16V
PART
PIN-PACKAGE
FAULT RESPONSE
MAX5977AETP+
20 TQFN-EP*
Latched
MAX5977BETP+
20 TQFN-EP*
Autoretry


Similar Part No. - MAX5977BETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977BETP++ MAXIM-MAX5977BETP+ Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
More results

Similar Description - MAX5977BETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_06 Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com