Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15022 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15022
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15022 Datasheet HTML 1Page - Maxim Integrated Products MAX15022 Datasheet HTML 2Page - Maxim Integrated Products MAX15022 Datasheet HTML 3Page - Maxim Integrated Products MAX15022 Datasheet HTML 4Page - Maxim Integrated Products MAX15022 Datasheet HTML 5Page - Maxim Integrated Products MAX15022 Datasheet HTML 6Page - Maxim Integrated Products MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Dual LDO Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVIN = VPVIN_ = VDVDD_ = 3.3V, VPGND_ = VSGND = 0V, RT = 25kΩ, and TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LDO CONTROLLERS
FB3, FB4 Input Bias Current
-250
+250
nA
FB3, FB4 Voltage Set-point
5mA sink current, VB_ = 0.5V to 5.5V
0.585
0.600
0.615
V
FB3, FB4 to B3, B4
Transconductance
2.5mA to 10mA sink current,
VB_ = 0.5V to 5.5V
0.56
1.20
2.30
S
B3, B4 Driver Sink Current
VFB3, VFB4 = 0V, VB_ = 0.5V to 5.5V
20
mA
LDO Soft-Start Duration
512
Clock
Cycles
LDO Reference Voltage Steps
64
Steps
POWER MOSFETS
Regulator 1 p-Channel MOSFET
RDSON
VDVDD1 = 5V
50
90
m
Regulator 1 n-Channel MOSFET
RDSON
VDVDD1 = 5V
30
50
m
Regulator 1 Gate Charge
VDVDD1 = 5V
8
nC
Maximum LX1 RMS Current
4A
Regulator 2 p-Channel MOSFET
RDSON
VDVDD2 = 5V
100
180
m
Regulator 2 n-Channel MOSFET
RDSON
VDVDD2 = 5V
60
100
m
Regulator 2 Gate Charge
VDVDD2 = 5V
4
nC
Maximum LX2 RMS Current
2A
PWM CURRENT LIMIT AND HICCUP MODE
VPVIN = VAVIN = 3.3V
4.5
4.9
5.3
Regulator 1 Peak Current Limit
VPVIN = VAVIN = 2.5V
3.40
3.65
3.95
A
VPVIN = VAVIN = 3.3V
4.0
5.0
5.65
Regulator 1 Valley Current Limit
VPVIN = VAVIN = 2.5V
3.0
3.7
4.25
A
VPVIN = VAVIN = 3.3V
2.25
2.45
2.65
Regulator 2 Peak Current Limit
VPVIN = VAVIN = 2.5V
1.70
1.85
1.98
A
VPVIN = VAVIN = 3.3V
2.0
2.5
2.83
Regulator 2 Valley Current Limit
VPVIN = VAVIN = 2.5V
1.5
1.85
2.13
A
Number of Cumulative Current-
Limit Events to Hiccup
NCL
4
Clock
Cycles
Number of Consecutive Noncurrent
Limit Cycles to Clear NCL
NCLR
3
Clock
Cycles
Hiccup Timeout
NHT
8192
Clock
Cycles


Similar Part No. - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022 Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022ATI MAXIM-MAX15022ATI Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022EVKIT++ MAXIM-MAX15022EVKIT+ Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results

Similar Description - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com