Electronic Components Datasheet Search |
|
MAX19997AETX+ Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX19997AETX+ Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 35 page Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer _______________________________________________________________________________________ 5 +5.0V SUPPLY, HIGH-SIDE LO INJECTION AC ELECTRICAL CHARACTERISTICS (continued) ( Typical Application Circuit optimized for the standard RF band (see Table 1),VCC = +4.75V to +5.25V, RF and LO ports are driven from 50 Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 2300MHz to 2900MHz, fLO = 2650MHz to 3250MHz, fIF = 350MHz, fRF < fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2950MHz, fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 7) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS IF Output Return Loss RF terminated into 50 Ω, LO driven by 50Ω source, IF transformed to 50 Ω using external components shown in the Typical Application Circuit 21 dB RF-to-IF Isolation 25 dB LO Leakage at RF Port (Notes 8, 9) -28 dBm 2LO Leakage at RF Port -33 dBm LO Leakage at IF Port -18.5 dBm Channel Isolation RFMAIN (RFDIV) converted power measured at IFDIV (IFMAIN) relative to IFMAIN (IFDIV), all unused ports terminated to 50 Ω 38.5 43 dB PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Conversion Gain GC fRF = 2400MHz to 2900MHz, TC = +25°C (Notes 8, 9, 10) 8.1 8.7 9.3 dB fRF = 2305MHz to 2360MHz 0.2 fRF = 2500MHz to 2570MHz 0.15 fRF = 2570MHz to 2620MHz 0.2 fRF = 2500MHz to 2690MHz 0.25 Conversion Gain Flatness fRF = 2700MHz to 2900MHz 0.25 dB Gain Variation Over Temperature TCCG fRF = 2300MHz to 2900MHz, TC = -40°C to +85°C -0.01 dB/°C Input Compression Point IP1dB (Notes 6, 8, 11) 9.6 11.3 dBm fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone (Notes 8, 9) 21.6 23 dBm Third-Order Input Intercept Point IIP3 fRF = 2600MHz, fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone, TC = +25°C (Notes 8, 9) 22 23.8 dBm Third-Order Input Intercept Point Variation Over Temperature fRF1 - fRF2 = 1MHz, TC = -40°C to +85°C ±0.3 dBm +5.0V SUPPLY, LOW-SIDE LO INJECTION AC ELECTRICAL CHARACTERISTICS ( Typical Application Circuit optimized for the standard RF band (see Table 1), VCC = +4.75V to +5.25V, RF and LO ports are driven from 50 Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 2300MHz to 2900MHz, fLO = 1950MHz to 2550MHz, fIF = 350MHz, fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2250MHz, fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 7) |
Similar Part No. - MAX19997AETX+ |
|
Similar Description - MAX19997AETX+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |